Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2ADS-CA12-R2

  • AI
    The **M2ADS-CA12-R2** is a specific industrial electronic component, typically identified as an **M12 A-Coded Distribution Box** or a sensor/actuator junction system. These devices are used in automation to simplify wiring by consolidating multiple sensor signals into a single master cable. Below is a breakdown of its electronic and mechanical specifications. --- ### 1. Technical Specifications The following table highlights the core electrical characteristics of this component series: | Parameter | Specification | | :--- | :--- | | **Connector Type** | M12 (A-Coded) | | **Number of Ports** | 12 Ports (typically) | | **Rated Voltage** | 10–30 VDC | | **Current Load** | 2A per signal / 12A Total | | **Insulation Resistance** | >10^9 Ω | | **Contact Resistance** | ≤5 mΩ | | **Protection Class** | IP67 (Dust tight & Water immersion) | --- ### 2. Key Electronic Components #### A. Internal PCB (Printed Circuit Board) The core of the unit is a rigid PCB that traces the pins from the 12 individual M12 ports to a single high-density home-run connector or a hardwired molded cable. This eliminates "point-to-point" wiring in control cabinets. #### B. LED Indicators Most "R2" variants include status LEDs for diagnostic purposes: * **Green LED:** Indicates Power Supply (PWR). * **Yellow/Amber LED:** Indicates the switching state of the individual I/O signal (Signal). #### C. Connector Pinout (A-Coding) The M12 A-coded interface follows standard industrial pin assignments: 1. **Pin 1 (+):** Positive Supply (usually Brown). 2. **Pin 3 (-):** Negative Supply (usually Blue). 3. **Pin 4 (S):** Digital Signal/Switching (usually Black). 4. **Pin 2/5:** Often used for additional signals or grounding depending on the specific wiring configuration. --- ### 3. Application Use Cases * **Sensors:** Connecting inductive, capacitive, or photoelectric sensors. * **Actuators:** Powering small solenoid valves or indicators. * **Cable Management:** Reducing the "spaghetti wiring" in robotic arms or conveyor systems. ### 4. Schematic Logic Example The internal wiring usually follows a **Common Anode or Common Cathode** logic for the LEDs: ```text Port 1 Pin 4 ----+----[Resistor]----[LED]---- Ground | +---- Master Cable Core #1 ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the master home-run cable?
    • ⤷ Is this distribution box compatible with PNP or NPN sensor logic?
    • ⤷ What is the operating temperature range for the R2 variant?