Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2ADS-DAC-R2

  • AI
    The **M2ADS-DAC-R2** is a specialized expansion board (often referred to as a "hat" or shield) designed for high-precision data acquisition and signal generation. It is typically used in industrial control, scientific research, and high-fidelity audio applications. Below is a breakdown of its core electronic components and technical specifications. --- ## 1. Core Architecture The board is defined by its dual-functionality: converting analog signals to digital (ADC) and digital signals to analog (DAC). | Feature | Specification | | :--- | :--- | | **ADC Resolution** | 24-bit (High Precision) | | **DAC Resolution** | 16-bit to 24-bit (Depending on configuration) | | **Interface** | I2C / SPI / I2S | | **Input Voltage** | Typically 3.3V or 5V | | **Output Type** | Single-ended or Differential | --- ## 2. Key Electronic Components ### A. Analog-to-Digital Converter (ADC) The "ADS" in the name usually refers to the **Texas Instruments ADS series** (e.g., ADS12xx). * **Function:** It samples continuous analog voltages and converts them into 24-bit binary data. * **Key Part:** High-resolution Delta-Sigma ($\Delta\Sigma$) modulator. * **Application:** Measuring sensors with very low voltage outputs (like thermocouples or strain gauges). ### B. Digital-to-Analog Converter (DAC) The "DAC" refers to the chip responsible for generating analog waveforms. * **Function:** Takes digital instructions from a microcontroller (like an ESP32 or STM32) and produces a proportional voltage or current. * **Key Part:** Precision R-2R ladder or String DAC architecture. ### C. Precision Voltage Reference To ensure accuracy, the board contains a **Voltage Reference IC** (e.g., REF30xx). * **Role:** Provides a stable, temperature-compensated voltage that the ADC and DAC use as a "ruler" to measure against. Without this, the readings would drift as the board warms up. ### D. Operational Amplifiers (Op-Amps) * **Input Buffering:** Used to provide high impedance on the ADC inputs so the board doesn't "load" the circuit it is measuring. * **Output Filtering:** Acts as a low-pass filter for the DAC to smooth out the "steps" in the generated analog signal. --- ## 3. Connectivity & Pinout The R2 (Revision 2) version usually features improved layout for noise reduction. ```yaml Pin Category: - Power: VCC (3.3V/5V), GND - Data: SCL/SDA (I2C) or SCK/MISO/MOSI (SPI) - Analog: AIN0-AIN3 (Inputs), AOUT (Output) - Reference: VREF (External Reference Pin) ``` --- ## 4. Technical Advantages 1. **Low Noise Floor:** The PCB layout is designed to separate digital ground from analog ground to prevent "switching noise" from ruining sensitive measurements. 2. **R2 Revision Improvements:** Usually includes better decoupling capacitors and more robust ESD protection on the input pins compared to the R1 version. 3. **High Dynamic Range:** Suitable for applications where you need to see very small changes in a large signal.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the R1 and R2 versions of this board?
    • ⤷ Which library is recommended for interfacing the M2ADS-DAC-R2 with an Arduino or ESP32?
    • ⤷ Can this board be used for high-speed waveform generation like an oscilloscope?