M2ADS-E13-R
AI

The **M2ADS-E13-R** belongs to a series of magnetic sensors, typically categorized as **Magnetic Proximity Switches** or **Magnetic Reed Sensors**. These components are widely used in industrial automation for position sensing and limit detection.
---
## 1. Core Technical Specifications
The device operates on electromagnetic principles, using a magnetic field to actuate an internal switch without physical contact.
| Feature | Description |
| :--- | :--- |
| **Sensor Type** | Magnetic Reed / Proximity |
| **Output Type** | SPST (Single Pole Single Throw) - Normally Open (NO) |
| **Max Voltage** | Typically 100V - 250V AC/DC (model dependent) |
| **Max Current** | 0.5A to 1.0A |
| **Housing Material** | Metallic (Brass/Stainless Steel) or High-grade Plastic |
| **Protection Rating** | Usually IP67 (Dust tight and water immersion resistant) |
---
## 2. Internal Electronic Components
The "E13" series generally features the following internal architecture:
### A. The Reed Switch
The heart of the device is a **hermetically sealed glass envelope** containing two ferromagnetic flexible metal reeds.
* **Mechanism:** When a permanent magnet moves within the sensing range, the reeds become magnetized and pull together, closing the circuit.
* **Durability:** Because the contacts are sealed in inert gas, they are resistant to oxidation and sparks.
### B. Protection Circuitry (The "-R" Suffix)
The **-R** suffix often denotes the inclusion of a specific electronic protection or indicator:
1. **LED Indicator:** Many models include a Red/Green LED to show the switching status (Power vs. Signal).
2. **Resistor/Varistor:** Internal components to protect the reed contacts from voltage spikes (EMF) caused by inductive loads like solenoids or relays.
---
## 3. Connection and Wiring
Most M2ADS sensors utilize a standard 2-wire or 3-wire configuration:
```c
// Standard 2-Wire (Normally Open)
[ Brown Wire ] ----(+) Source
[ Blue Wire ] ----( Load )---- (-) Ground
```
---
## 4. Key Advantages
* **Non-Contact Sensing:** No mechanical wear and tear, leading to a long operational life.
* **Environmental Resistance:** Ideal for oily, dusty, or wet environments where optical sensors might fail.
* **No Power Required (for Reed types):** The basic switch mechanism doesn't require standby power to operate, only the load current.
---
- ⤷
What is the maximum sensing distance for the M2ADS-E13-R?
- ⤷ How do I wire this sensor to a PLC input?
- ⤷ What is the difference between the M2ADS and M1ADS series?