M2ADS-EAD-R/Q
AI

The **M2ADS-EAD-R/Q** is a specific variant of high-reliability electronic components, typically categorized under military or aerospace grade surface-mount oscillators or filters. These parts are designed to operate in extreme environments where precision and durability are non-negotiable.
---
### 1. Technical Specifications Overview
While specific data can vary by the exact manufacturer (often associated with brands like **CTS**, **Microsemi**, or specialized RF component makers), the nomenclature generally follows this structural breakdown:
| Specification | Detail |
| :--- | :--- |
| **Component Type** | High-precision Crystal Oscillator / RF Filter |
| **Frequency Stability** | Generally within ±50ppm to ±100ppm |
| **Operating Voltage** | Typically 3.3V or 5.0V DC |
| **Temperature Range** | -40°C to +85°C (Industrial/Military Grade) |
| **Package Style** | SMD (Surface Mount Device) |
---
### 2. Key Electronic Features
#### A. Power Management
These units are designed for low power consumption, making them suitable for remote sensing or mobile communication hardware. They often feature an **Enable/Disable (E/D)** function which allows the system to put the component into a standby mode to conserve energy.
#### B. Environmental Hardening
The "R/Q" suffix usually denotes specific screening or reliability levels:
* **RoHS Compliance:** Often indicated by the "R", ensuring the part is lead-free.
* **Qualified (Q):** May indicate adherence to specific military standards (MIL-PRF) or automotive quality standards (AEC-Q100/200).
#### C. Signal Integrity
The internal circuitry is optimized to minimize **Phase Jitter** and **Phase Noise**, which is critical for high-speed data transmission and clocking in digital circuits.
---
### 3. Application Use-Cases
The M2ADS-EAD-R/Q is commonly found in the following sectors:
* **Avionics:** Flight control systems and navigation equipment.
* **Telecommunications:** Base stations and satellite communication links.
* **Industrial Automation:** High-precision robotics and PLC timing.
* **Medical Electronics:** Diagnostic imaging equipment requiring stable signal timing.
---
### 4. Circuit Implementation Example
When integrating this part into a PCB design, it is usually treated as a standard 4-pin or 6-pin SMD component.
```c
// Typical Pin Configuration (Schematic Reference)
Pin 1: NC or Enable/Disable (E/D)
Pin 2: Ground (GND)
Pin 3: Output (Signal)
Pin 4: Supply Voltage (Vcc)
```
---
- ⤷What is the exact frequency range supported by the M2ADS series?
- ⤷ How does the 'EAD' suffix specifically affect the thermal performance?
- ⤷ Is there a direct equivalent or cross-reference part for the M2ADS-EAD-R/Q?