Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2ADS-FB4-R

  • AI
    Based on the technical nomenclature typical of the **SMC M2ADS** series, the **M2ADS-FB4-R** refers to a specific configuration of a high-performance **2-Port Solenoid Valve** (often used for air, water, or oil applications). Below is a breakdown of the electronic and electromechanical components of this part. --- ## 1. Core Technical Specifications The M2ADS series is designed for durability and high-frequency operation. | Feature | Specification | | :--- | :--- | | **Valve Type** | 2-Port, Normally Closed (N.C.) | | **Actuation** | Direct Operated Solenoid | | **Body Material** | Typically Aluminum or Stainless Steel | | **Seal Material** | FKM (Fluoro-rubber) or NBR | | **Pressure Range** | 0 to 1.0 MPa (depending on configuration) | --- ## 2. Electronic Component Breakdown The part number **FB4-R** indicates specific electrical interfacing and protection features: ### A. Coil Configuration (The "F") The "F" generally denotes the **Class F insulation** for the solenoid coil. * **Heat Resistance:** Rated for higher ambient and operating temperatures. * **Encapsulation:** The coil is molded in thermosetting resin to prevent moisture ingress and short-circuiting. ### B. Electrical Entry & Voltage (The "B4") This identifies how the power is supplied to the valve. * **Connection Type:** Usually refers to a **DIN Terminal** (Standard 43650) or a conduit type. * **Voltage:** "4" typically indicates **24V DC**. This is the standard for PLC (Programmable Logic Controller) interfacing in industrial automation. ### C. Protection & Suppression (The "-R") The "-R" suffix is critical for the electronic health of the surrounding control system. * **Surge Voltage Suppressor:** Contains a **Varistor** or a **Diode**. * **Function:** When the solenoid is de-energized, the magnetic field collapses, creating a high-voltage spike (back-EMF). The "R" component clamps this spike to protect the PLC output cards or relays from burning out. * **Indicator Light:** Often includes a built-in **LED** to provide a visual status of whether the valve is currently energized. --- ## 3. Wiring Diagram Concept When integrating this part into a circuit, the wiring typically follows this logic: ```mermaid graph LR A[24V DC Power] --> B[PLC Output / Relay] B --> C{M2ADS Valve} C --> D[Positive Pin 1] C --> E[Negative Pin 2] C --> F[Earth/Ground Pin] subgraph Suppression G[Surge Varistor] H[LED Indicator] end ``` --- ## 4. Maintenance & Safety Note 1. **Polarity:** Since it includes a surge suppressor and LED, ensure the positive (+) and negative (-) wires are connected to the correct pins (usually marked 1 and 2 on the DIN plug). 2. **Duty Cycle:** While Class F coils are robust, ensure the valve is not kept energized indefinitely in high-heat environments without adequate ventilation.
    ✨ Follow-up Questions
    • ⤷ What is the exact orifice size for the FB4-R variant?
    • ⤷ Can this valve be used with media other than compressed air?
    • ⤷ How do I replace the solenoid coil without removing the valve body?