M2AMS-151-R/Q
AI

The **M2AMS-151-R/Q** is a high-performance, double-balanced frequency mixer, typically used in microwave and radio frequency (RF) applications. These components are essential for frequency conversion (up-conversion or down-conversion) in communication systems.
---
### 1. Key Technical Specifications
The following table outlines the typical electronic parameters associated with this specific model:
| Parameter | Typical Value / Specification |
| :--- | :--- |
| **RF/LO Frequency Range** | 5 MHz to 1500 MHz |
| **IF Frequency Range** | DC to 1000 MHz |
| **Conversion Loss** | 6.5 dB (Typical) |
| **LO Drive Level** | +7 dBm (Standard Level 7) |
| **Isolation (LO-RF)** | 40 dB (Typical) |
| **Isolation (LO-IF)** | 35 dB (Typical) |
| **Package Type** | Surface Mount (SMD) |
---
### 2. Internal Electronic Components
The device is a "Passive Mixer," meaning it does not require a DC power supply to operate. It consists of three primary internal sub-sections:
#### A. Schottky Diode Quad
At the heart of the mixer is a ring of four matched Schottky barrier diodes. These act as high-speed switches that open and close at the frequency of the Local Oscillator (LO).
#### B. RF Balun Transformers
The unit contains two ferrite-core transformers (baluns):
1. **LO Balun:** Converts the unbalanced LO input into a balanced signal to drive the diode quad.
2. **RF Balun:** Receives the RF signal and couples it to the diode ring.
#### C. IF Extraction Circuit
The intermediate frequency (IF) is extracted from the center taps of the transformers. Because it is a **Double-Balanced** design, it inherently provides high isolation between all three ports (LO, RF, and IF).
---
### 3. Application Use Cases
* **Down-converters:** Used in receivers to shift high-frequency signals to a lower frequency for processing.
* **Up-converters:** Used in transmitters to shift baseband or IF signals to higher microwave frequencies.
* **Phase Detection:** Can be used as a phase comparator by feeding two signals of the same frequency into the RF and LO ports.
---
### 4. Schematic Symbol Representation
In electronic circuit diagrams, the M2AMS-151-R/Q is represented by a circle with an "X" inside it, denoting the multiplication of two signals:
```text
LO (Local Oscillator)
|
[--- Mixer ---] --- IF (Output)
|
RF (Input)
```
- ⤷
What are the mounting requirements for the R/Q package variant?
- ⤷ How does the +7 dBm LO power requirement affect the surrounding circuit design?
- ⤷ Can this mixer be used in bi-directional communication systems?