M2AMS-153-R/UL
AI

The **M2AMS-153-R/UL** is a specific electronic component typically categorized as a **Limit Switch** or **Micro Switch**, often utilized in industrial control systems, security devices, or appliance interlocks.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and mechanical characteristics of the M2AMS-153-R/UL:
| Characteristic | Specification |
| :--- | :--- |
| **Switch Type** | Snap Action / Micro Switch |
| **Actuator Type** | Long Lever (often with a roller or straight leaf) |
| **Contact Configuration** | SPDT (Single Pole Double Throw) |
| **Current Rating** | Typically 15A at 125/250VAC |
| **Voltage Rating** | 250V AC / 125V DC (nominal) |
| **Safety Certification** | UL (Underwriters Laboratories) Recognized |
| **RoHS Compliance** | Yes (R suffix denotes RoHS compliance) |
---
### 2. Physical Construction
The part is composed of several critical electronic and mechanical sub-components:
* **Contacts:** Usually made of silver alloy to ensure high conductivity and resistance to arcing during high-current switching.
* **Snap-Action Mechanism:** Uses a spring-loaded internal leaf to ensure the contacts switch positions rapidly, regardless of the speed of the external actuator.
* **Terminals:** Typically features **Quick Connect** (spade) terminals or solder lugs for wiring.
* **Housing:** Made of high-temperature thermoplastic (Phenolic or PBT) to meet UL flame retardancy standards.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying specific features:
1. **M2AMS:** The series identifier, usually indicating a medium-sized micro switch housing.
2. **15:** Refers to the amperage rating (15 Amps).
3. **3:** Often designates the terminal style or specific lever length.
4. **R:** Indicates **RoHS** compliance (Restriction of Hazardous Substances).
5. **UL:** Signifies that the part has been tested and certified by Underwriters Laboratories for safety in the US and Canada.
---
### 4. Common Applications
* **Industrial Automation:** Detecting the position of moving machine parts.
* **Safety Interlocks:** Ensuring a cabinet door is closed before a machine can start.
* **Consumer Appliances:** Used in microwave door latches or washing machine lids.
* **HVAC Systems:** Airflow proving switches or limit controls.
- ⤷
What are the mechanical life expectancy (cycle count) for this switch?
- ⤷ What is the difference between SPDT and SPST in micro switches?
- ⤷ Can this switch be used for DC applications higher than 125V?