M2AMS-153-R2/UL
AI

The **M2AMS-153-R2/UL** is a specific model of a **magnetic proximity sensor** (often referred to as a magnetic reed switch) commonly used in security systems, industrial automation, and position sensing.
---
### 1. Key Technical Specifications
The "UL" suffix indicates that the component is listed or recognized by Underwriters Laboratories, ensuring it meets specific safety standards.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Magnetic Contact / Proximity Sensor |
| **Contact Form** | Form A (Normally Open - NO) |
| **Operating Voltage** | Up to 100V DC/AC |
| **Switching Current** | 0.5A (Typical) |
| **Material** | High-impact ABS Plastic / Rhodium-plated Reed |
| **Gap Distance** | 15mm to 25mm (approx. 0.6" - 1.0") |
| **Wiring** | Lead wires (usually 22 AWG) |
---
### 2. Internal Electronic Construction
The device consists of two main physical parts: the **Switch** and the **Actuator**.
#### A. The Reed Switch (Stationary Part)
* **The Capsule:** A hermetically sealed glass tube containing two ferromagnetic flexible metal contacts (reeds).
* **The Contacts:** Usually coated with Rhodium or Ruthenium to prevent "pitting" and ensure a long lifecycle (millions of cycles).
* **Operation:** In its default state, the reeds are separated. When a magnetic field is brought close, the reeds become polarized and pull together, closing the circuit.
#### B. The Magnet (Moving Part)
* **Material:** Typically Alnico or Neodymium.
* **Housing:** Encased in a matching plastic shell to the switch, designed for surface mounting using screws or adhesive.
---
### 3. Application and Usage
This specific part is designed for **Surface Mounting**.
1. **Security Systems:** Mounted on window frames or doors. When the door opens, the magnet moves away from the switch, breaking the circuit and triggering an alarm.
2. **Industrial Limit Sensing:** Used to detect the "home" position of a robotic arm or the closure of a safety gate.
3. **Low Power Logic:** Used as an input to a PLC (Programmable Logic Controller) or a microcontroller (like Arduino/ESP32) to detect state changes.
---
### 4. Installation Diagram
Below is a simplified representation of how the circuit is wired:
```text
[ Power Source ] ---- [ Wire ] ---- [ M2AMS-153 Switch ] ---- [ Load/Input ] ---- [ GND ]
^
| (Magnetic Field)
[ M2AMS-153 Magnet ]
```
---
- ⤷What is the difference between a 'Normally Open' and 'Normally Closed' magnetic switch?
- ⤷ How does the gap distance affect the reliability of the M2AMS-153?
- ⤷ What are the specific UL standards relevant to this magnetic contact?