M2AMS-15B-R
AI

The **M2AMS-15B-R** is a high-performance **Step-Up (Boost) DC-DC Converter Module** commonly used in industrial and automotive applications where a stable, higher voltage is required from a lower voltage source.
Below is a detailed breakdown of its electronic specifications and features.
### 1. Technical Specifications
The following table highlights the core electrical characteristics of the M2AMS-15B-R:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 9V to 15V DC |
| **Output Voltage** | 15V DC (Fixed/Regulated) |
| **Output Current** | 1.0A to 1.5A (Typical) |
| **Efficiency** | ~85% - 92% |
| **Package Type** | Through-hole / Encapsulated Module |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Key Electronic Components & Internal Architecture
While the unit is often sold as a sealed module, it contains the following essential circuitry:
* **Switching Regulator IC:** The "brain" of the module that uses Pulse Width Modulation (PWM) to control the power delivery.
* **Power Inductor:** Stores energy magnetically during the "on" cycle of the switch and releases it to the output during the "off" cycle to step up the voltage.
* **Schottky Diode:** High-speed rectification to ensure current flows only toward the load, minimizing power loss.
* **Filter Capacitors:** Input and output electrolytic or ceramic capacitors used to reduce voltage ripple and electromagnetic interference (EMI).
---
### 3. Features & Protections
The "R" suffix in the part number often denotes specific compliance or a refined revision involving:
1. **Short Circuit Protection (SCP):** Automatically shuts down or limits current if the output is shorted to ground.
2. **Over-Voltage Protection (OVP):** Prevents the output voltage from spiking and damaging connected sensitive electronics.
3. **Thermal Shutdown:** Internal sensors disable the switching if the internal temperature exceeds safe operating limits.
4. **Low Ripple:** Designed to provide "clean" power suitable for analog sensors or communication equipment.
---
### 4. Typical Applications
* **Automotive Systems:** Stepping up 12V battery power to a stable 15V for specialized sensors.
* **Industrial Automation:** Powering 15V logic circuits from 9V or 12V BUS lines.
* **Telecommunications:** Providing regulated voltage for line drivers and signal amplifiers.
---
- ⤷What are the pinout configurations for the M2AMS-15B-R?
- ⤷ Can this module be used with a 24V input source?
- ⤷ How does the efficiency change under full load conditions?