Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AMS-15B-R2/CE

  • AI
    The **M2AMS-15B-R2/CE** is a high-precision, digital-input/analog-output transducer (specifically an **Analog Backup Station**) manufactured by **M-System**. It is primarily used in industrial automation to interface between a DCS/PLC and a control valve or actuator. --- ### 1. Core Technical Specifications The "electronic parts" of this device are designed for signal conditioning, isolation, and manual override capabilities. | Feature | Specification | | :--- | :--- | | **Input Signal** | 4 – 20 mA DC (from PLC/DCS) | | **Output Signal** | 4 – 20 mA DC | | **Supply Power** | 100 – 240V AC (Standard) | | **Isolation** | Input to output to power to ground | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Control Accuracy** | ±0.1% | --- ### 2. Key Electronic Components & Subsystems The M2AMS series utilizes specific circuitry to ensure signal integrity in harsh industrial environments: * **Isolation Circuitry:** Uses optical or magnetic coupling to prevent electrical noise and ground loops from traveling between the controller (input) and the field device (output). * **A/D and D/A Converters:** High-resolution converters ensure that the digital representation of the signal (used for the display and manual adjustment) matches the analog physical loop perfectly. * **Microprocessor Control:** Manages the logic for "Auto" vs. "Manual" modes, ensuring a **bumpless transfer** (preventing sudden jumps in the output signal when switching modes). * **Front Panel Interface:** * **LED Display:** Shows the output percentage. * **Up/Down Switches:** Allows manual manipulation of the 4-20mA loop. * **Mode Switch:** Toggles between Computer (Auto) and Manual control. --- ### 3. Functional Operation The electronic architecture allows the device to function as a fail-safe mechanism: 1. **Auto Mode:** The electronic circuit acts as a repeater, passing the 4-20mA signal from the DCS directly to the actuator. 2. **Manual Mode:** The internal microprocessor takes over, and the output is controlled via the front-facing push buttons. 3. **Power Fail Safe:** Many R2 models are designed to hold the last value or go to a pre-set safety value if the primary control signal is lost. --- ### 4. Terminal Connection Diagram (General) The electronics are accessed via a DIN-rail mounted base with a plug-in terminal block. ```text Terminal | Function ---------|------------------- 1 - 2 | Output (+) / (-) 3 - 4 | Input (+) / (-) (From DCS) 5 - 6 | External Switch / Logic 7 - 8 | Power Supply (L / N) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'R2' power specifications for this model?
    • ⤷ How does the 'Bumpless Transfer' feature work electronically in this unit?
    • ⤷ Can this transducer be integrated with a 24V DC power system instead of AC?