M2AMS-15B-R2/UL
AI

The **M2AMS-15B-R2/UL** is a specific model of an **AC-DC Desktop Power Adapter** (often referred to as a power brick), typically manufactured by companies like BridgePower or SL Power. These units are designed to convert high-voltage AC wall power into regulated low-voltage DC power for electronic devices.
---
## 1. Core Technical Specifications
The "15B" in the model name generally denotes the wattage class, while "R2" refers to the revision or specific connector configuration.
| Parameter | Typical Value |
| :--- | :--- |
| **Input Voltage** | 100–240V AC (Universal) |
| **Input Frequency** | 50/60 Hz |
| **Output Voltage** | 15V DC |
| **Output Current** | ~1.0A to 1.2A (approx. 15W-18W) |
| **Efficiency** | Level VI (High Efficiency) |
| **Certifications** | UL (Underwriters Laboratories), cUL, CE |
---
## 2. Key Internal Electronic Components
The internal circuitry follows a **Switch-Mode Power Supply (SMPS)** topology. Below are the primary electronic parts found inside:
### A. Input Stage (EMI & Rectification)
* **Bridge Rectifier:** Converts AC input to a pulsating DC voltage.
* **Input Filter (Capacitors & Inductors):** Reduces Electromagnetic Interference (EMI) to meet FCC/UL standards.
* **Fuse:** A safety component that blows in the event of an overcurrent or short circuit.
### B. Switching Stage
* **PWM Controller IC:** The "brain" of the unit. It regulates the output voltage by rapidly switching a MOSFET on and off.
* **Power MOSFET:** Handles the high-speed switching of the rectified DC across the transformer.
### C. Isolation & Regulation
* **High-Frequency Transformer:** Provides galvanic isolation between the dangerous AC side and the safe DC side. It steps down the voltage.
* **Optocoupler:** A critical safety component that provides feedback from the DC output to the AC controller using light, ensuring voltage remains stable without electrical contact between the two sides.
### D. Output Stage
* **Schottky Diode:** Rectifies the high-frequency AC from the transformer into stable DC.
* **Electrolytic Capacitors:** Smooth the "ripple" out of the DC voltage to provide clean power to the device.
---
## 3. Physical Attributes
* **Enclosure:** Impact-resistant, non-vented plastic case (typically IP22 rated).
* **Input Connector:** Usually an IEC320-C8 (2-pin) or C14 (3-pin) "kettle" style inlet.
* **Output Cord:** Often terminated with a barrel jack (e.g., 5.5mm x 2.1mm) with a ferrite bead to suppress high-frequency noise.
---
## 4. Safety and Protection Features
Because it is **UL certified**, the M2AMS-15B-R2 includes:
1. **Over-Voltage Protection (OVP):** Shuts down if the output exceeds a safe limit.
2. **Short Circuit Protection (SCP):** Prevents fire if the output wires are crossed.
3. **Over-Load Protection (OLP):** Limits current to prevent overheating.
- ⤷
What is the exact pin polarity of the DC connector for this model?
- ⤷ Can this power supply be used for medical-grade equipment?
- ⤷ What are the common failure signs of the internal capacitors in this unit?