M2AMS-1D-R/Q
AI

The **M2AMS-1D-R/Q** is a specific variant of a Magnetic Proximity Sensor, typically utilized in industrial automation for position sensing, safety interlocking, and limit detection. It belongs to the M2 series of sensors, often produced by manufacturers like **Bernstein AG** or similar industrial sensor providers.
---
### 1. Technical Specifications
The following table outlines the general technical characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Housing Type** | M12 x 1 Threaded Cylinder |
| **Sensing Principle** | Magnetic (Reed Switch / Hall Effect) |
| **Contact Type** | 1 Changeover (SPDT) - Form C |
| **Switching Voltage** | Up to 250V AC/DC (Max) |
| **Switching Current** | Up to 1.0A (Typical) |
| **Housing Material** | Stainless Steel or Brass (Nickel Plated) |
| **Connection Type** | Cable or M12 Plug Connector |
| **IP Rating** | IP67 (Dust tight and water immersion) |
---
### 2. Key Components and Electronic Logic
The "1D" designation usually refers to the contact arrangement and "R/Q" refers to the specific wiring or connector configuration.
* **Magnetic Actuation:** Unlike inductive sensors that detect metal, this device requires a **permanent magnet** to trigger the internal switch.
* **Reed Switch Technology:** Inside the housing is a hermetically sealed glass tube containing two ferromagnetic reeds. When a magnetic field is applied, the reeds move to open or close the circuit.
* **SPDT Logic (Changeover):** The "1D" usually signifies a Single Pole Double Throw configuration. This means the sensor has one common terminal and can switch between a "Normally Open" (NO) and a "Normally Closed" (NC) path.
---
### 3. Application Use Cases
This electronic part is commonly used in environments where non-contact sensing is required through non-ferrous materials (like plastic or aluminum).
1. **Safety Guards:** Ensuring a machine door is closed before operation.
2. **Piston Position:** Detecting the position of a piston inside a non-magnetic cylinder.
3. **Hazardous Areas:** Because the contacts are sealed, they are less likely to ignite flammable gases compared to open mechanical switches.
---
### 4. Wiring Diagram Representation
The electrical interface typically follows this logic:
```text
[ Brown ] -------- ( Common )
/
[ Black ] --------------/ ( Normally Open )
[ Blue ] ---------------- ( Normally Closed )
```
---
- ⤷
What is the maximum switching frequency for the M2AMS series?
- ⤷ How does the sensing distance change with different magnet types?
- ⤷ What are the specific environmental temperature limits for the R/Q variant?