M2AMS-1D-R2/Q
AI

Based on the part number **M2AMS-1D-R2/Q**, this refers to a specific configuration of a **Signal Conditioner / Isolator** typically manufactured by companies like **M-System**. These devices are used in industrial automation to convert, isolate, and transmit analog signals.
Below is a breakdown of the electronic components and functional specifications for this module.
---
### 1. Functional Breakdown
The M2AMS series is generally an **Analog Output Transmitter** designed to take one type of signal (like DC voltage or current) and provide a highly stable, isolated output.
| Feature | Specification Details |
| :--- | :--- |
| **Model Series** | M2AMS (Plug-in Signal Conditioner) |
| **Input Signal** | 4 – 20 mA DC or 1 – 5 V DC (Standard) |
| **Output** | DC Voltage or Current (Configurable) |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Construction** | Plug-in base socket for DIN-rail mounting |
---
### 2. Part Number Suffix Analysis
The specific suffix **-1D-R2/Q** defines the electrical characteristics:
| Suffix Code | Description |
| :--- | :--- |
| **1** | **Input:** Typically 130Ω or 4-20mA DC (Standard Industrial range). |
| **D** | **Output:** Often denotes a specific DC voltage range (e.g., 0 – 10V DC). |
| **R2** | **Power Input:** Usually indicates 100 – 240V AC or 24V DC depending on the manufacturer's logic (R2 is commonly 24V DC). |
| **/Q** | **Special Options:** Indicates custom specifications (e.g., specific coating or non-standard calibration). |
---
### 3. Key Electronic Characteristics
These units are engineered for high reliability in "noisy" electrical environments.
* **Galvanic Isolation:** The core electronic part is an isolation transformer or optoisolator that prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges.
* **Zero/Span Adjustment:** Located on the front panel, these potentiometers allow for fine-tuning the electronic calibration without removing the unit.
* **Response Time:** Typically $\leq 0.5$ seconds, ensuring the electronic output mirrors the input accurately in real-time.
* **Burnout Protection:** Built-in circuitry that forces the output to a specific level (high or low) if the input wire is broken.
---
### 4. Technical Specifications Table
| Parameter | Value (Typical) |
| :--- | :--- |
| **Accuracy** | $\pm 0.1\%$ |
| **Temperature Coefficient** | $\pm 0.015\% / ^\circ C$ |
| **Insulation Resistance** | $100\text{ M}\Omega$ at 500V DC |
| **Dielectric Strength** | 2000V AC @ 1 minute |
---
### 5. Wiring Diagram (Conceptual)
```text
[ Power Supply ] --- ( L+ / N- ) --- [ Internal Transformer ]
|
[ Input Sensor ] --- ( + / - ) --- [ Isolation Circuit ]
|
[ Output Device] --- ( + / - ) --- [ Signal Converter ]
```
---
- ⤷
What is the specific input signal range for the -1D configuration?
- ⤷ How does the /Q option affect the manufacturing lead time or testing?
- ⤷ Can this unit be mounted on a standard 35mm DIN rail?