M2AMS-4A-R2/CE
AI

The **M2AMS-4A-R2/CE** is a high-performance **Programmable Multi-Function Transducer** (often referred to as a Power Multi-meter or Power Transducer) manufactured by **M-System**. It is designed to measure various AC power parameters and convert them into isolated analog signals or digital communication data.
---
### 1. Core Technical Specifications
The device is categorized by its ability to process 3-phase, 4-wire (or 3-wire) electrical systems.
| Feature | Specification |
|:---|:---|
| **Model Series** | M2AMS (Multi-power Transducer) |
| **Input Type** | AC Voltage, AC Current, Frequency |
| **Output Type** | 4 to 20 mA DC (Configurable) |
| **Power Supply** | 100 – 240V AC or 108 – 132V DC |
| **Accuracy** | ±0.2% to ±0.5% (depending on parameter) |
| **Isolation** | Input to output to power to ground |
| **Standard** | CE Marking (European Conformity) |
---
### 2. Electronic Measurement Capabilities
The internal electronics are designed to calculate multiple electrical values simultaneously from the raw AC input:
* **Voltage (V):** RMS values for Phase-to-Neutral and Phase-to-Phase.
* **Current (I):** RMS values per phase and Neutral current.
* **Active Power (P):** Real power consumption in Watts.
* **Reactive Power (Q):** Measured in VARs.
* **Apparent Power (S):** Measured in VA.
* **Power Factor (PF):** The ratio of real power to apparent power.
* **Frequency (Hz):** Grid frequency monitoring.
* **Energy (kWh):** Integrated active energy over time.
---
### 3. Key Electronic Components & Features
#### A. Input Conditioning Circuitry
The device uses high-precision **Current Transformers (CT)** and **Potential Transformers (PT)** internally to step down high industrial voltages and currents to levels safe for the internal Microcontroller (MCU).
#### B. Analog-to-Digital Conversion (ADC)
It utilizes high-speed sampling ADCs to capture the waveform of the AC sine wave. This allows for **True RMS** calculation, ensuring accuracy even if the power signal is distorted by harmonics.
#### C. Isolation Barrier
The "R2" designation often implies a specific configuration regarding the power supply and isolation. The electronics feature **Opto-couplers** or **Transformer isolation** to ensure that high-voltage surges on the input side do not damage the PLC or DCS connected to the output side.
#### D. Programmability (The "4A" Logic)
The "4A" in the model code typically refers to the output configuration (often 4-20mA). These outputs are programmable via a PC or the front-panel buttons, allowing the user to map any measured parameter (like Phase A Voltage) to the analog output signal.
---
### 4. Terminal Configuration Example
| Terminal No. | Function | Description |
|:---:|:---|:---|
| **1 - 4** | Voltage Inputs | Connections for L1, L2, L3, and Neutral |
| **5 - 10** | Current Inputs | Connections for CT (Current Transformer) secondary |
| **11 - 12** | Analog Output | 4-20mA DC Loop |
| **13 - 14** | Auxiliary Power | Mains power for the unit |
---
### 5. Application Areas
* **Energy Management Systems (EMS):** Monitoring building power consumption.
* **Factory Automation:** Tracking motor health via current/power draw.
* **Switchboards:** Providing real-time data to SCADA systems via RS-485 (Modbus) or analog signals.
- ⤷
What is the difference between the R2 and other power supply suffixes for this model?
- ⤷ How do I calibrate the 4-20mA output for a specific Watt range?
- ⤷ Does this model support Modbus RTU communication alongside analog outputs?