M2AMS-A4-R2
AI

The **M2AMS-A4-R2** is a high-performance **Magnetic Angle Sensor** module designed for industrial and automotive applications. It is typically used for non-contact rotary position sensing, offering high durability compared to traditional mechanical potentiometers.
---
### 1. Key Technical Specifications
The module is built around a specialized Hall-effect sensor IC that detects the orientation of a magnetic field.
| Parameter | Typical Value |
| :--- | :--- |
| **Supply Voltage (Vcc)** | 4.5V to 5.5V DC |
| **Output Type** | Analog (Ratiometric) |
| **Measurement Range** | 0° to 360° (Endless rotation) |
| **Resolution** | 12-bit (Internal) |
| **Operating Temperature** | -40°C to +125°C |
| **Mechanical Life** | Virtually infinite (Non-contact) |
---
### 2. Electronic Component Breakdown
The assembly consists of three primary electronic segments:
#### A. The Sensor IC (Hall-Effect Array)
The core of the M2AMS is a **Magnetic Encoder IC**. It contains a vertical Hall-effect element array that measures the sine and cosine components of the magnetic field from a nearby permanent magnet. An internal DSP (Digital Signal Processor) converts these raw signals into an angular position.
#### B. Signal Conditioning Circuitry
* **Operational Amplifiers:** Used to buffer the analog output to ensure signal integrity over longer wire runs.
* **Protection Diodes:** Includes TVS (Transient Voltage Suppressor) diodes to protect against ESD and voltage spikes.
* **Filtering Capacitors:** Decoupling capacitors are placed near the Vcc pin to filter out high-frequency noise from the power supply.
#### C. Connector and Interface
* **Housing:** Usually a ruggedized plastic or metal casing.
* **Wiring:** Typically a 3-wire interface (Power, Ground, and Signal).
---
### 3. Functional Operation
1. **Magnet Interaction:** A diametrically magnetized magnet is attached to the rotating shaft.
2. **Field Detection:** As the magnet rotates, the sensor IC detects the changing magnetic flux.
3. **Processing:** The internal logic calculates the angle using an ArcTangent algorithm.
4. **Output:** The module outputs a voltage proportional to the angle. For example, in a 5V system:
* 0° = 0.5V
* 180° = 2.5V
* 360° = 4.5V
---
### 4. Applications
* **Steer-by-wire** systems in automotive.
* **Industrial Valve** position monitoring.
* **Robotic Joints** where high precision and dust resistance are required.
* **Pedal Position** sensing in heavy machinery.
- ⤷
What is the difference between the R1 and R2 revisions of this sensor?
- ⤷ How do I calibrate the analog output for a specific angular range?
- ⤷ What type of magnet is recommended for use with the M2AMS-A4-R2?