M2AMS-B4-R2/Q
AI

The **M2AMS-B4-R2/Q** is a high-precision, plug-in type **Analog Arithmetic Unit** (specifically a subtraction unit) from the M2 Series manufactured by **M-System**.
This electronic component is designed to receive two independent DC input signals and output a signal proportional to the difference between them.
---
### 1. Key Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Model Function** | Subtraction (Output = Input 1 - Input 2) |
| **Input Signals** | Configurable (e.g., 4–20mA, 1–5V DC) |
| **Output Signal** | Configurable (e.g., 4–20mA, 0–10V DC) |
| **Power Input (B)** | 100V – 240V AC |
| **Accuracy** | ±0.1% of span |
| **Response Time** | ≤ 0.5 seconds (0 – 90%) |
| **Construction** | Plug-in style with base socket |
---
### 2. Internal Electronic Operation
The device functions as a signal conditioner with mathematical capabilities. Here is how the electronic stages work:
1. **Input Stage:** Two separate analog inputs enter the unit. High-precision resistors and operational amplifiers (Op-Amps) isolate and scale these signals.
2. **Arithmetic Logic:** An internal circuit (analog or microprocessor-based, depending on the revision) performs the subtraction: $V_{out} = K_1V_{in1} - K_2V_{in2}$.
3. **Isolation:** The unit features **three-way isolation** (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS equipment from electrical surges.
4. **Zero/Span Adjustment:** Located on the front panel, these allow the user to calibrate the electronic offset and gain to ensure precise measurement.
---
### 3. Application Examples
This specific part is commonly used in industrial automation for:
* **Differential Pressure Measurement:** Calculating the difference between two pressure sensors.
* **Flow Calculation:** Monitoring the loss or gain of fluids between two points in a pipe.
* **Level Control:** Subtracting head pressure from total pressure to determine liquid level in a pressurized tank.
---
### 4. Part Number Breakdown
* **M2AMS**: Base Model (Analog Arithmetic Unit).
* **B**: Power Supply (100–240V AC).
* **4**: Output Signal (Standard DC current or voltage).
* **R2**: Specific configuration/versioning (often denoting dual output or specific wiring).
* **Q**: Option code (often indicating a customized calibration or special coating).
- ⤷
How do I calibrate the Zero and Span for the M2AMS series?
- ⤷ What is the difference between the M2AMS and the M2AS model?
- ⤷ Can this unit be used for signal addition instead of subtraction?