M2AMS-BB-R/CE
AI

The **M2AMS-BB-R/CE** is a specific model within the **M2AMS series** of ultra-miniature, plug-in signal conditioners (transmitters) manufactured by **M-System**.
---
## 1. Core Functionality
The M2AMS is an **AC Current Transmitter**. Its primary electronic purpose is to detect an alternating current (AC) signal and convert it into a standardized DC signal (voltage or current) that can be read by a PLC, DCS, or SCADA system.
### Model Breakdown:
| Code Segment | Meaning |
| :--- | :--- |
| **M2AMS** | Series Name: Ultra-miniature AC Current Transmitter |
| **-B** | Input: 0 – 1 A AC |
| **-B** | Output: 2 – 10 V DC |
| **-R** | Power Input: 24 V DC |
| **-CE** | Certification: CE marking (European Compliance) |
---
## 2. Technical Specifications
The electronics are designed for high-density mounting and industrial-grade reliability.
| Feature | Specification |
| :--- | :--- |
| **Input Impedance** | Approx. 0.1 $\Omega$ |
| **Input Frequency** | 40 Hz to 1 kHz (Sine wave) |
| **Load Resistance** | Output must be $\ge$ 4000 $\Omega$ |
| **Accuracy** | $\pm$0.3% of span |
| **Isolation** | 3-way isolation (Input to Output to Power) |
| **Dielectric Strength** | 2000V AC @ 1 minute |
---
## 3. Key Electronic Components & Internal Workflow
The internal circuitry follows a specific signal chain to ensure precision and safety:
### A. Input Stage (Current Transformer)
The device includes an internal sensing resistor or a small current transformer that handles the **0-1A AC** input. This stage steps down the current into a low-voltage AC signal proportional to the input.
### B. Rectification & Filtering
Since the input is AC and the output is DC, the internal electronics utilize a **Mean Value Analysis** circuit. It rectifies the AC signal and filters it to create a smooth DC representation of the RMS value.
### C. Isolation Barrier
This is a critical electronic safety feature. It uses **Optical or Magnetic Coupling** to separate the input, output, and power circuits. This prevents ground loops and protects the PLC/DCS from high-voltage surges on the input side.
### D. Output Scaling (Operational Amplifiers)
The signal is passed through an instrumentation amplifier (Op-Amp) configured to scale the signal to the **2–10 V DC** range. Zero and Span adjustments (potentiometers) are accessible on the front of the unit to fine-tune the output.
---
## 4. Connection Diagram (Standard Pinout)
The unit uses an 8-pin base socket for easy maintenance.
```text
PIN | Function
----|------------------
1 | Input (AC) U
2 | Input (AC) V
3 | Output (+)
4 | Output (-)
7 | Power (24V DC +)
8 | Power (24V DC -)
```
- ⤷
What is the response time for the M2AMS series in milliseconds?
- ⤷ Can this unit handle non-sinusoidal waveforms or distorted AC signals?
- ⤷ What is the recommended mounting environment for the 'Ultra-miniature' form factor?