Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AMS-DA-R/UL

  • AI
    The **M2AMS-DA-R/UL** is a high-performance, plug-in type signal conditioner (specifically a **Power Multi-Transducer**) manufactured by **M-System**. It is designed to measure various electrical parameters in an AC power system and convert them into isolated DC output signals. --- ## 1. Core Technical Specifications The following table summarizes the primary electronic characteristics of the device: | Feature | Specification | | :--- | :--- | | **Model Type** | Multi-Power Transducer (M2AMS Series) | | **Input** | 3-phase, 3-wire AC (Voltage and Current) | | **Output** | Dual Isolated DC Outputs (Current or Voltage) | | **Power Input** | 100 – 240V AC or 24V DC (Model dependent) | | **Isolation** | 2000V AC @ 1 minute (Input to output to power) | | **Accuracy** | ±0.5% (Typical for most parameters) | | **Standards** | UL/cUL recognized, CE marking | --- ## 2. Key Electronic Components & Functions ### A. Input Section (Sensing) The device utilizes high-precision potential transformers (PT) and current transformers (CT) internally to step down high-voltage/high-current signals to levels safe for the internal circuitry. - **Voltage Input:** Typically supports standard ratings (e.g., 110V/220V AC). - **Current Input:** Typically supports 1A or 5A AC. ### B. Signal Processing (Conversion) The "brain" of the M2AMS is a **Digital Signal Processor (DSP)** or a high-end Microcontroller. It performs Real-Time calculations for: * Active, Reactive, and Apparent Power. * Power Factor. * Frequency. * Phase Angle. ### C. Output Section (Transmission) The **-DA** suffix indicates the output configuration. * **D/A Converter:** The digital values calculated by the processor are converted back to analog signals via a Digital-to-Analog converter. * **Isolation Circuitry:** Uses optoisolators or magnetic transformers to ensure that noise or surges on the input side do not damage the PLC/DCS connected to the output. ### D. The "R" and "UL" Designations * **R:** Usually refers to the power supply type (often 24V DC) or a specific relay/response characteristic. * **UL:** Indicates that the electronic components and housing meet Underwriters Laboratories safety standards for the US and Canada. --- ## 3. Connection Diagram Overview | Terminal No. | Function | Description | | :--- | :--- | :--- | | 1 - 4 | Voltage Inputs | Connects to L1, L2, L3 lines | | 5 - 8 | Current Inputs | Connects to external CT secondary | | 9 - 10 | Output 1 | DC signal to Controller | | 11 - 12 | Output 2 | Secondary isolated output | | 13 - 14 | Auxiliary Power | Device operating power | --- ## 4. Typical Applications * **Energy Management:** Monitoring power consumption in industrial plants. * **Switchboard Integration:** Used in power distribution panels to provide data to SCADA systems. * **Load Monitoring:** Protecting motors and heavy machinery by monitoring real-time power fluctuations.
    ✨ Follow-up Questions
    • ⤷ What are the specific programming software requirements for configuring the M2AMS?
    • ⤷ Can this unit measure Total Harmonic Distortion (THD)?
    • ⤷ What is the maximum current input threshold before requiring an external CT?