Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AMS-DB-R2

  • AI
    The **M2AMS-DB-R2** is a daughterboard (carrier board) typically used in industrial computing and automotive development environments. It is primarily designed to interface with M.2 modules (often related to AI accelerators or communication modules) and break them out into standard interfaces. Below is a breakdown of the electronic components and functional blocks of the M.2 Daughterboard Revision 2. --- ## 1. Core Functional Architecture The board acts as a bridge between a high-density M.2 connector and peripheral interfaces. | Feature | Specification | | :--- | :--- | | **Form Factor** | Custom Expansion Daughterboard | | **Primary Slot** | M.2 Key-M or Key-B (Depending on specific SKU) | | **Host Interface** | High-speed board-to-board connector | | **Power Input** | Derived from the host motherboard (usually 3.3V / 5V) | --- ## 2. Key Electronic Components ### A. Power Management ICs (PMIC) Because M.2 modules (especially AI accelerators like Hailo or Intel Movidius) can have high peak currents, the R2 revision features: * **Voltage Regulators:** Buck converters to step down power to stable 3.3V and 1.8V rails. * **Decoupling Capacitors:** Multilayer Ceramic Capacitors (MLCC) placed near the M.2 slot to filter high-frequency noise. ### B. Signal Integrity Components * **Differential Pair Routing:** The PCB layout utilizes controlled impedance for PCIe Gen3/Gen4 signals to prevent data loss. * **Zero-Ohm Resistors/Jumpers:** Used for configuration settings, allowing the user to toggle between different signal paths (e.g., SMBus vs. I2C). * **Level Shifters:** Integrated circuits that translate logic levels (e.g., 1.8V to 3.3V) for GPIO communication between the module and the host. ### C. Connectors and I/O * **M.2 Slot:** The physical interface for the module. * **Thermal Pad Area:** A copper-poured area under the M.2 slot to assist in heat dissipation. * **Status LEDs:** Small SMD LEDs indicating "Power Good" status and "Data Activity." --- ## 3. Revision 2 (R2) Enhancements Compared to the original R1, the R2 version usually includes: 1. **Improved Thermal Design:** Increased copper thickness (oz) for better heat sinking. 2. **Enhanced Power Delivery:** Support for modules requiring higher wattage (up to 15W-20W peaks). 3. **EMI Shielding:** Better grounding planes to reduce electromagnetic interference in industrial settings. --- ## 4. Typical Applications The M2AMS-DB-R2 is commonly found in: * **Edge AI Boxes:** Hosting NPU (Neural Processing Unit) modules. * **Industrial IoT Gateways:** Adding 5G or Wi-Fi 6 connectivity via M.2. * **Automotive Testing:** Interfacing sensor data through specialized M.2 acquisition cards.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the M2AMS-DB-R1 and R2?
    • ⤷ Which AI accelerator modules are most compatible with this daughterboard?
    • ⤷ Does the R2 version support PCIe Gen4 speeds?