M2AMS2-14-R/Q
AI

The **M2AMS2-14-R/Q** is a specialized electronic connector assembly, typically belonging to the **M2 series** of high-density, modular connectors often used in industrial, aerospace, or medical applications.
### 1. Component Overview
This part number identifies a **multi-pin rectangular connector** designed for high reliability and space-constrained environments.
| Feature | Specification Details |
| :--- | :--- |
| **Series** | M2 Series (Modular Micro-Rectangular) |
| **Configuration** | 14-position (14 pins/contacts) |
| **Termination Type** | Right-angle (indicated by 'R') |
| **Locking Mechanism** | Quick-release or Screw-lock (depending on 'Q' suffix) |
| **Contact Material** | Gold-plated Copper Alloy (standard for signal integrity) |
---
### 2. Technical Breakdown of the Part Number
The alphanumeric string provides specific details about the physical and electrical properties:
* **M2**: Represents the series family, usually indicating a micro-miniature form factor.
* **AMS**: Often denotes the mounting style or specific housing material (e.g., Aluminum or Alloy Mounting Shell).
* **2**: Can represent the shell size or a specific revision level.
* **14**: Indicates the **number of contacts** (14 pins).
* **R**: Specifies the orientation—**Right-Angle** PCB mount. This is used when the connector sits perpendicular to the board to save vertical space.
* **Q**: Typically refers to a **Quick-disconnect** or a specific quality/shielding rating.
---
### 3. Key Electronic Characteristics
These connectors are engineered for high-performance signal transmission:
* **Contact Resistance:** Extremely low (typically < 10mΩ) to prevent signal loss.
* **Current Rating:** Usually rated for 3A to 5A per contact, depending on the wire gauge used.
* **Dielectric Withstanding Voltage:** Designed to handle 600V AC or higher at sea level.
* **Durability:** Rated for high mating cycles (500+ insertions), making them ideal for test equipment.
---
### 4. Applications
Due to the 14-pin right-angle configuration, this part is commonly found in:
1. **Avionics:** Cockpit displays and sensor interfaces.
2. **Medical Imaging:** Handheld diagnostic tools.
3. **Industrial Automation:** PLCs (Programmable Logic Controllers) where space on the DIN rail or PCB is limited.
---
- ⤷
What are the specific soldering requirements for the M2AMS2-14-R variant?
- ⤷ Is there a datasheet available for the mechanical footprint of this connector?
- ⤷ What is the compatible mating connector for the M2AMS2-14-R/Q?