M2AMS2-152-R2/CE
AI

The **M2AMS2-152-R2/CE** is a high-performance **Magnetic Incremental Encoder System** (often referred to as a magnetic scale or linear encoder) manufactured by **Magnescale** (formerly Sony Precision Technology).
This device is primarily used in industrial automation and CNC machinery to measure linear displacement with high precision using magnetic principles.
---
### 1. Core Technical Specifications
The following table highlights the primary electronic and physical characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Detection Principle** | Magnetic Induction (Incremental) |
| **Output Signal** | A/B Phase Quadrature (TTL/RS-422 line driver) |
| **Resolution** | Typically 0.5 μm to 10 μm (depending on interpolation) |
| **Accuracy** | ± (5 + 5L/1000) μm |
| **Power Supply** | DC 5V ± 5% |
| **Max Response Speed** | Up to 200 m/min (varies by resolution) |
| **Protection Class** | IP67 (High resistance to oil, dust, and water) |
| **Operating Temp** | 0°C to 45°C |
---
### 2. Major Electronic Components & Subsystems
#### A. Magnetic Multi-Gap Sensor
Unlike optical encoders that use glass scales, this part uses a **MR (Magneto-Resistive)** sensor head.
- **Function:** It detects fluctuations in the magnetic field generated by the magnetic scale (the rod or tape).
- **Benefit:** It is immune to condensation, oil, and coolant, which typically cause optical sensors to fail.
#### B. Signal Processing Circuitry (Interpolation)
The "R2" designation often refers to specific cable or resolution configurations. The internal electronics perform **interpolation**:
- The raw analog sine/cosine signals from the magnetic head are converted into digital square waves.
- **Line Driver:** It utilizes a differential line driver (RS-422 compliant) to ensure signal integrity over long cable runs by canceling out electromagnetic interference (EMI).
#### C. Connector and Wiring
The system typically features a high-flex cable designed for continuous movement in cable carriers (drag chains).
- **Phase A/B:** For position and direction.
- **Phase Z:** The reference mark (index pulse) for "homing" the machine.
---
### 3. Application Use Cases
Because of its "CE" marking, it meets European safety and EMC (Electromagnetic Compatibility) standards, making it suitable for:
* **Metalworking:** Lathes, milling machines, and grinders.
* **Automation:** Linear actuators and pick-and-place robots.
* **Harsh Environments:** Woodworking or stone cutting where dust and moisture are prevalent.
---
### 4. Comparison: Magnetic vs. Optical
| Feature | Magnetic (M2AMS2) | Optical Encoders |
| :--- | :--- | :--- |
| **Durability** | Extremely High (IP67) | Moderate (Sensitive to dirt) |
| **Accuracy** | High | Very High |
| **Mounting** | Flexible/Easy | Strict alignment required |
- ⤷
What is the pinout configuration for the RS-422 output on this model?
- ⤷ How does the 'CE' certification impact the electrical installation requirements?
- ⤷ What is the compatible magnetic scale part number for this specific reader head?