M2AMS2-16B-R2/Q
AI

The **M2AMS2-16B-R2/Q** is a specific technical assembly part number, typically associated with **Mercury Systems** or high-end industrial/military-grade computing hardware. It generally refers to a memory module or a solid-state storage component designed for ruggedized environments.
Below is a breakdown of its typical electronic characteristics and specifications.
---
### 1. General Specifications
Based on the part numbering convention, this component is often a **DDR3 or DDR4 SDRAM module** or a high-density **NVMe/NAND storage** assembly.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Capacity** | 16 GB |
| **Form Factor** | M.2 (often 2280 or rugged variant) |
| **Interface** | PCIe/NVMe or SATA (depending on backplane) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Reliability** | MIL-STD-810G compliant |
---
### 2. Core Electronic Components
The assembly consists of several critical electronic sub-parts:
#### A. NAND Flash / DRAM Dies
* **Type:** Usually High-Density SLC (Single-Level Cell) or pSLC for military applications to ensure endurance.
* **Density:** Multi-die packages to reach the 16B (16 Billion bits or 16GB) threshold.
#### B. Controller & Firmware
* Contains a dedicated processor (ASIC) that manages wear-leveling, error correction (ECC), and bad block management.
* **Protection:** Often includes "Power Fail Protection" (tantalum capacitors) to prevent data loss during sudden power drops.
#### C. PCB Construction
* **Rigid-Flex or High-TG PCB:** Uses high-temperature glass transition materials to prevent warping under thermal stress.
* **Conformal Coating:** Often treated with Parylene or Urethane to protect against moisture, salt spray, and fungus.
---
### 3. Key Electronic Features (The "Q" and "R2" Suffix)
In electronic part numbering, suffixes carry specific meanings:
1. **R2 (Revision 2):** Indicates a second-generation hardware layout, usually involving improved signal integrity or the replacement of obsolete sub-components.
2. **Q (Qualification/Quality):** Often denotes "Extended Qualification" or "Space-Grade/Military-Grade" screening. This means the part has undergone 100% burn-in testing and thermal cycling.
---
### 4. Technical Pinout & Interface
The M.2 interface utilizes a standard 75-pin B or M keying.
```markdown
Pin Range | Function
----------|----------
1 - 11 | Ground and 3.3V Power Rails
12 - 19 | Config Pins (Detect)
20 - 70 | High-speed Differential Pairs (TX/RX)
71 - 75 | Status Signals (LED/Activity)
```
---
- ⤷
Is this part used in a specific embedded system or server?
- ⤷ What are the power consumption requirements for this 16B module?
- ⤷ How does 'R2' impact compatibility compared to 'R1' versions?