AI

Based on the part number **M2AMS2-16D-R2/Q**, this component belongs to a series of industrial-grade **M12 Connectors/Adapters**, typically manufactured by companies like **TE Connectivity** or **ERNI** (now part of TE).
These parts are primarily used in automation, sensor integration, and industrial Ethernet applications.
---
## Technical Specifications & Breakdown
The alphanumeric code provides specific details regarding its mechanical and electrical construction:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Series** | M12 | Standard circular connector size (12mm thread). |
| **Pin Count** | 16-Pin | High-density signal transmission. |
| **Gender/Type** | D-Coded | Historically for 100Mbps Ethernet, but in 16-pin variants, it often refers to custom signal layouts. |
| **Mounting** | R2 (Right Angle) | The pins/leads are oriented at 90 degrees for space-saving PCB mounting. |
| **Shielding** | Fully Shielded | Protected against Electromagnetic Interference (EMI). |
| **Termination** | Through-Hole (THT) | The "Q" often designates a specific PCB lead length or tray packaging. |
---
## Key Electronic Characteristics
### 1. Signal Integrity
With **16 pins** packed into an M12 footprint, these connectors are designed for high-density data acquisition. They feature gold-plated contacts to ensure low contact resistance and prevent oxidation in harsh environments.
### 2. Environmental Protection
These parts are typically rated **IP67 or IP68**.
- **Waterproof:** Can be submerged (usually up to 1m).
- **Dust-tight:** Total protection against ingress of solid particles.
### 3. Electrical Ratings
* **Voltage Rating:** Usually 30V - 60V AC/DC (limited by high pin density).
* **Current Rating:** Approximately 1A to 1.5A per contact.
* **Dielectric Withstanding Voltage:** Typically 500V - 1000V.
---
## Common Applications
* **Robotics:** Used in robotic arms where space is limited but many sensor signals must pass through a single joint.
* **Machine Vision:** Connecting high-resolution cameras to industrial controllers.
* **PLCs:** Interfacing Programmable Logic Controllers with complex sensor arrays.
---
## Comparative Table: M12 Pin Layouts
| Type | Pin Count | Common Usage |
| :--- | :--- | :--- |
| A-Coded | 3, 4, 5, 8, 12 | Sensors, DC Power, Actuators |
| B-Coded | 5 | Profibus, Interbus |
| D-Coded | 4 | 100 Mbit Ethernet |
| **High Density** | **12, 16, 17** | **Complex Multi-Signal / Proprietary Data** |
- ⤷
What is the exact pinout diagram for the M2AMS2-16D-R2/Q?
- ⤷ Is this connector compatible with standard A-coded M12 cables?
- ⤷ What are the specific soldering temperature requirements for the THT leads?