M2AMS2-4B-R2/N
AI

The **M2AMS2-4B-R2/N** belongs to a specialized category of **M.2 Carrier/Adapter Boards**, typically designed for high-performance computing, storage expansion, or industrial server applications. These parts are used to bridge high-speed NVMe storage to standard PCIe architectures.
---
### 1. Key Technical Specifications
Based on the part numbering convention (common in industrial hardware like Advantech or similar manufacturers), the electronic architecture generally consists of the following:
| Component | Description |
| :--- | :--- |
| **Interface Type** | M.2 (NGFF) to PCIe x4 or x8 (depending on the backplane). |
| **Slot Configuration** | Supports M-Key NVMe SSDs (typically 2242/2260/2280 sizes). |
| **Revision (R2)** | Indicates the second hardware revision, usually involving optimized signal integrity. |
| **N-Suffix** | Often denotes "No Heatsink" or a specific thermal configuration variant. |
---
### 2. Main Electronic Components
The board is not merely a physical adapter; it contains active and passive circuitry to manage high-speed data:
#### A. Power Management Integrated Circuits (PMICs)
* **Voltage Regulation:** Converts the 12V or 5V rail from the PCIe bus down to the **3.3V** required by M.2 SSDs.
* **Decoupling Capacitors:** Multilayer Ceramic Capacitors (MLCCs) are placed near the M.2 connector to filter high-frequency noise and ensure stable power delivery during peak "Burst" read/write operations.
#### B. Signal Integrity Components
* **Differential Pair Routing:** The PCB uses controlled impedance traces to handle **PCIe Gen 3 or Gen 4** speeds.
* **Re-drivers (Optional):** Some high-end versions include signal re-drivers to maintain data integrity over longer trace lengths.
#### C. Connectivity & Feedback
* **M.2 Connector:** A high-density 75-position connector designed for low contact resistance.
* **Status LEDs:** Small Surface Mount (SMD) LEDs that indicate "Power Good" and "Drive Activity" (ACT).
---
### 3. Functional Diagram Logic
The electronic flow follows this simplified path:
1. **Input:** PCIe Goldfinger (Mechanical interface to Motherboard).
2. **Transformation:** Voltage Step-down (12V $\rightarrow$ 3.3V) + Signal Filtering.
3. **Output:** M.2 M-Key Socket (Data communication via 4 lanes of PCIe).
---
### 4. Application Context
These parts are typically found in:
* **Industrial PCs (IPC):** Where vibration resistance and specific form factors are required.
* **Server Expansion:** Adding NVMe boot drives to legacy servers.
* **Data Acquisition:** High-speed buffering for sensor data.
- ⤷
Does this specific model support PCIe Gen 4 speeds or is it limited to Gen 3?
- ⤷ What are the specific physical dimensions (2280 vs 22110) supported by this carrier?
- ⤷ Are there specific drivers required for the PMIC on this board?