Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AMS2-A1-R/CE

  • AI
    The **M2AMS2-A1-R/CE** is a high-precision, industrial-grade **Signal Conditioner** (specifically a signal isolator or transmitter) manufactured by **M-System**. It is designed to take an analog input, isolate it, and provide a proportional analog output, often used to bridge field sensors and PLC/DCS systems. ### 1. Technical Specifications Below are the primary electronic characteristics and ratings for this specific model: | Feature | Specification | | :--- | :--- | | **Input Signal** | 4 – 20 mA DC | | **Output Signal** | 4 – 20 mA DC | | **Power Supply** | 100 – 240V AC (Standard range) | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Mounting** | DIN Rail or Surface Mount | --- ### 2. Key Electronic Components & Functionality #### A. 3-Way Isolation The "R/CE" designation typically signifies a high level of electrical isolation. This protects the control system from: * **Ground Loops:** Prevents noise caused by different ground potentials. * **Surge Protection:** Shields the PLC from high-voltage spikes on the input line. #### B. The "CE" Mark The **CE** suffix indicates that the internal electronic components comply with European safety and electromagnetic compatibility standards: * **EN 61000-6-4:** Electromagnetic Emissions. * **EN 61000-6-2:** Electromagnetic Immunity. #### C. Power Circuitry The device uses a switching power supply internally to convert the 100-240V AC input into the stable DC voltages required for the internal operational amplifiers and the current loop drivers. --- ### 3. Connection Pinout (Typical) While you should always consult the manual, M-System M2 series units typically follow this wiring logic: | Terminal | Description | | :--- | :--- | | **1 & 2** | Output (+) and (-) | | **4 & 5** | Input (+) and (-) | | **7 & 8** | Power Supply (L & N) | --- ### 4. Application Context In an industrial environment, this part is used when a 4-20mA sensor signal needs to be "cleaned" or sent over a long distance where electrical noise might interfere with the reading. The **M2AMS2** acts as a buffer, ensuring the signal received by the controller is an exact, noise-free replica of the field sensor.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance for the 4-20mA output on this model?
    • ⤷ How do I calibrate the Zero and Span on the M2AMS2?
    • ⤷ Does this model support 24V DC power input as an alternative?