M2AMS2-C1-R2/CE
AI

The **M2AMS2-C1-R2/CE** is a high-precision, industrial-grade **Signal Conditioner** (also known as a transducer or isolator) manufactured by **M-System**. It is specifically designed to convert an AC current input into a standard DC output signal.
---
### 1. Key Technical Specifications
The model name encodes specific electronic characteristics. Below is a breakdown of the hardware specifications:
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Input Signal** | AC Current (0 – 1A AC) | Designed for power monitoring systems. |
| **Output Signal** | 4 – 20 mA DC | Standard industrial current loop output. |
| **Power Input** | 24V DC | Internal electronics operate on low voltage DC. |
| **Isolation** | 3-Way Isolation | Input, Output, and Power are galvanically isolated. |
| **Mounting** | DIN Rail | Standard 35mm industrial rail mounting. |
---
### 2. Core Electronic Functions
#### A. Signal Conversion (AC to DC)
The internal circuitry utilizes a precision rectifier and filtering stage. It takes a non-linear or sinusoidal AC input (usually from a Current Transformer) and converts it into a highly linear, proportional DC signal.
#### B. Galvanic Isolation
This is a critical electronic feature. It uses **magnetic or optical coupling** to ensure that high-voltage surges or noise on the input side (AC line) do not damage the sensitive PLC or controller on the output side.
* **Dielectric Strength:** Usually rated for 2000V AC for 1 minute.
#### C. Response and Accuracy
The electronics are tuned for high-speed industrial feedback:
* **Response Time:** Approximately 0.5 seconds (to 90% of signal).
* **Accuracy:** Typically ±0.3% of span, ensuring minimal data loss during conversion.
---
### 3. Connection Diagram (General)
The unit typically uses a base-socket design for easy maintenance.
```text
[ AC INPUT ] ---> [ RECTIFIER/ISOLATOR ] ---> [ DC OUTPUT ]
(1A AC) (Internal Logic) (4-20mA)
^ ^ |
|_____________________|______________________|
[ 24V DC POWER ]
```
---
### 4. Certifications
* **CE Marking:** Indicates compliance with European safety, health, and environmental protection requirements (EMC Directive and Low Voltage Directive).
* **R2 Series:** Part of M-System's compact "M2" series, optimized for space-saving in control panels.
- ⤷
What are the specific wiring pinouts for the M2AMS2 base socket?
- ⤷ Can this unit handle distorted AC waveforms (True RMS)?
- ⤷ What is the maximum load resistance supported on the 4-20mA output?