Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AP-54-R/CE

  • AI
    The **M2AP-54-R/CE** is a high-performance **Industrial AC-DC ATX Power Supply Unit (PSU)**, typically manufactured by companies like *Etasis Electronics*. These units are designed for reliability in 24/7 industrial environments, servers, and telecommunications equipment. --- ### 1. Key Technical Specifications The unit is characterized by its 1U or 2U form factor and its ability to provide stable power across multiple rails. | Feature | Specification | | :--- | :--- | | **Form Factor** | ATX (Typically 1U/2U Rackmount) | | **Output Power** | 400W - 540W (Depending on specific revision) | | **Input Voltage** | 100V - 240V AC (Full Range) | | **Efficiency** | 80 PLUS Certified (High efficiency) | | **Cooling** | Dual or Single high-speed ball-bearing fans | | **Safety Certifications** | CE, UL, TUV, FCC | --- ### 2. Electronic Components & Internal Design The internal circuitry of the M2AP-54-R/CE is divided into several critical stages to ensure "clean" power delivery: #### A. Input Filtering (EMI/Transient Protection) * **X and Y Capacitors:** Filter out electromagnetic interference (EMI) from the AC line. * **MOVs (Metal Oxide Varistors):** Protect the internal components from high-voltage surges or lightning strikes. #### B. Active PFC (Power Factor Correction) * The "CE" designation often implies compliance with European harmonics standards. It uses an **Active PFC circuit** to ensure the power factor is >0.95, reducing reactive power waste. #### C. DC-DC Converters * Unlike cheap PSUs that use group regulation, industrial units like the M2AP series often use **DC-to-DC conversion modules** for the +3.3V and +5V rails. This allows for better voltage regulation and stability even when the load is unbalanced. #### D. Protection Circuitry (The "R" Suffix) The "R" in the model often denotes **Redundancy** or **Remote** features. The electronics include a specialized supervisor IC that manages: * **OVP:** Over Voltage Protection. * **OCP:** Over Current Protection. * **SCP:** Short Circuit Protection. * **OTP:** Over Temperature Protection. --- ### 3. Connection Interface The unit uses standard ATX wiring but is built with higher-gauge copper to handle industrial heat. ```yaml Standard Connectors: - 24-pin Main Power (ATX) - 8-pin / 4-pin +12V CPU - Multiple SATA Power - 4-pin Molex (Peripheral) - FDD (Floppy) Connector ``` --- ### 4. Summary of Use Cases Due to its robust electronic design, this part is used in: 1. **Industrial PCs (IPC):** Used in factory automation. 2. **Storage Servers:** Where high +12V rail stability is required for spinning drives. 3. **Network Appliances:** Firewalls and routers requiring high uptime.
    ✨ Follow-up Questions
    • ⤷ What is the MTBF (Mean Time Between Failures) for this specific PSU model?
    • ⤷ Does the M2AP-54-R/CE support hot-swapping in a redundant configuration?
    • ⤷ What are the specific dimensions for the 1U vs 2U variants of this series?