M2AS1-4111-R2/CE
AI

The **M2AS1-4111-R2/CE** is a specialized electronic component, typically categorized as a **Micro-Pressure Sensor** or a **Differential Pressure Transmitter/Switch**, often used in industrial automation, HVAC systems, or medical equipment.
Below is a breakdown of its electronic characteristics and technical specifications.
---
### 1. Technical Specifications Overview
This part is designed to convert physical pressure into an electrical signal or a switching state.
| Feature | Specification Details |
| :--- | :--- |
| **Part Type** | Pressure Sensor / Differential Pressure Switch |
| **Input Range** | Varies by sub-model (typically low-pressure ranges) |
| **Output Type** | Analog (Voltage/Current) or Relay Contact |
| **Power Supply** | Usually 24V DC/AC (Standard Industrial) |
| **Accuracy** | High precision (often within ±1.0% to ±0.5% FS) |
| **Enclosure Rating** | IP65 or equivalent (Dust/Water resistant) |
| **Certification** | CE (European Conformity) |
---
### 2. Key Electronic Components
The device functions through an integrated circuit (IC) assembly that includes:
* **Piezoresistive Element:** The core sensing part, usually a silicon-based diaphragm that changes resistance when pressure is applied.
* **Signal Conditioner:** An internal ASIC (Application-Specific Integrated Circuit) that amplifies the micro-volt signals from the sensor and compensates for temperature fluctuations.
* **A/D Converter:** Converts the analog sensing data into a stable output signal.
* **Protection Circuitry:** Includes Reverse Polarity Protection and Overvoltage Protection to prevent damage during installation.
---
### 3. Pinout and Connection Logic
While exact wiring depends on the specific housing, the standard electronic interface follows this logic:
1. **V+ (Supply):** Positive power input.
2. **V- / GND:** Common ground.
3. **Signal Out:** The 4-20mA or 0-10V output proportional to the pressure.
4. **Common/NO/NC:** Terminal points for models equipped with a mechanical or solid-state relay.
---
### 4. Typical Applications
* **Clean Room Monitoring:** Measuring the pressure difference between rooms to prevent contamination.
* **Filter Monitoring:** Detecting voltage changes when a filter is clogged and air pressure drops.
* **Fan Control:** Ensuring airflow in HVAC ducts.
---
- ⤷
What is the specific pressure range for the R2/CE variant?
- ⤷ How do I calibrate the zero-point on this sensor?
- ⤷ Can this sensor be used for liquid pressure or only for air/gas?