M2AS1-4111-R2/Q
AI

Based on the part number **M2AS1-4111-R2/Q**, this component belongs to a specific series of industrial or telecommunication connectors, likely a **Modular Jack (RJ45)** or a specialized **SFP/SFP+ Cage** assembly, often manufactured by companies like **UDE (Universal Device Electronics)**.
Below is the technical breakdown of the electronic and structural characteristics typically associated with this part series.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Integrated Connector (often with Magnetics) |
| **Form Factor** | Small Form-factor Pluggable (SFP) / RJ45 Hybrid |
| **Port Configuration** | 1x1 (Single Port) |
| **Mounting Type** | Through-hole (THT) or Press-fit |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **EMI Shielding** | Full Metal Shielding with Grounding Tabs |
---
## Key Electronic Components
### 1. Integrated Magnetics (MagJack)
If this is the RJ45 variant, it contains internal transformers and common mode chokes. These components perform three vital functions:
* **Isolation:** Protects the PHY chip from voltage spikes on the network cable (typically up to 1500V).
* **Signal Conditioning:** Filters out noise to ensure data integrity over long distances.
* **Impedance Matching:** Ensures the 100-ohm differential signal matches the transmission line.
### 2. LED Configuration
The "4111" portion of the suffix often dictates the LED colors and positions.
* **Left LED:** Green (Link/Activity)
* **Right LED:** Yellow (Speed/Status)
* **Circuitry:** Standard current-limiting resistors are required on the PCB side, as the LEDs inside are typically simple diodes.
### 3. Physical Construction (The "R2/Q" Suffix)
* **Plating:** Gold plating on contacts (usually 30μ" or 50μ") to prevent oxidation and ensure low contact resistance over thousands of mating cycles.
* **Housing:** High-temperature thermoplastic (UL 94V-0 rated) suitable for wave or reflow soldering.
* **Shielding:** Nickel-plated copper alloy cage to minimize Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI).
---
## Application Use Cases
1. **Networking Hardware:** Switches, routers, and gateways.
2. **Industrial PC (IPC):** Providing ruggedized Ethernet connectivity.
3. **Storage Systems:** High-speed data transfer interfaces (NAS/SAN).
---
- ⤷What is the specific manufacturer for this part number?
- ⤷ Can you provide the pinout diagram for the M2AS series?
- ⤷ What are the soldering requirements for the R2 version?