M2AS1-4113-R/Q
AI

The **M2AS1-4113-R/Q** refers to a high-performance **Electromechanical Relay**, typically associated with automotive and industrial power switching applications. This specific part number is often found within the catalogs of manufacturers like **American Zettler** or specialized automotive relay suppliers.
---
### 1. Technical Specifications
Below are the typical electronic characteristics of this relay series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Contact Form** | SPDT (1 Form C) or SPST (1 Form A) |
| **Rated Load** | 30A to 40A at 14VDC |
| **Coil Voltage** | 12VDC (Standard) |
| **Coil Power** | ~1.6W |
| **Contact Material** | Silver Tin Oxide (AgSnO2) |
| **Operating Temperature** | -40°C to +125°C |
| **Termination** | PCB Mount (Solder Pins) |
---
### 2. Breakdown of the Part Number
While nomenclature varies slightly by manufacturer, the code usually breaks down as follows:
- **M2AS**: The Series designation (Miniature ISO-standard layout).
- **1**: Number of poles (Single Pole).
- **4113**: Specific internal configuration regarding coil sensitivity and contact gap.
- **R**: Indicates a **Resistor** is suppressed across the coil (used to protect sensitive electronics from "Back EMF" voltage spikes when the relay turns off).
- **Q**: Sealed version (Wash-tight) to prevent flux or moisture ingress.
---
### 3. Key Electronic Components & Internal Construction
#### A. The Coil (Electromagnet)
The "heart" of the relay. When 12V is applied, it creates a magnetic field. Because this part contains the **"R" suffix**, a resistor is wired in parallel with the coil.
- **Function:** Absorbs the inductive flyback voltage.
- **Benefit:** Prevents damage to the transistor or ECU driving the relay.
#### B. The Contacts
Made of **Silver Tin Oxide (AgSnO2)**. This material is chosen for:
- High resistance to "welding" (sticking).
- Excellent conductivity over thousands of cycles.
- Ability to handle high inrush currents from motors or lamps.
#### C. The Armature & Spring
A mechanical assembly that moves when the coil is energized. The "1 Form C" configuration means it has a **Common (COM)**, a **Normally Closed (NC)**, and a **Normally Open (NO)** pin.
---
### 4. Typical Applications
* **Automotive Systems:** Power windows, fuel pumps, cooling fans, and horn circuits.
* **Industrial Controls:** DC motor switching and power distribution blocks.
* **HVAC:** Control boards for blowers and compressors.
---
- ⤷What is the resistance value of the internal suppression resistor in this relay?
- ⤷ How does the 'Q' sealing rating affect the soldering process?
- ⤷ Can this relay be used for 24V applications or is it strictly 12V?