M2AS1-4121-R/Q
AI

The **M2AS1-4121-R/Q** is a specific technical designation for an **RF (Radio Frequency) Coaxial Cable Assembly**, typically utilized in high-frequency signal transmission environments.
---
### 1. General Specifications
This part belongs to a family of high-performance RF interconnects. Below are the primary electronic and physical characteristics:
| Property | Description |
| :--- | :--- |
| **Component Type** | RF Coaxial Cable Assembly |
| **Connector A** | SMA Straight Plug (Male) |
| **Connector B** | SMA Straight Plug (Male) |
| **Cable Type** | Flexible or Semi-Rigid High-Frequency Coax |
| **Impedance** | 50 Ohms (Standard for RF) |
| **Frequency Range** | DC to 18 GHz (Typical for SMA) |
| **Compliance** | RoHS / REACH Compliant |
---
### 2. Electronic Breakdown
The part is designed to maintain signal integrity while minimizing loss.
#### A. Characteristic Impedance
The assembly is rated at **50 Ω**. This is the industry standard for most RF systems (WiFi, Bluetooth, Cellular) to ensure maximum power transfer and minimum reflection (VSWR).
#### B. VSWR (Voltage Standing Wave Ratio)
For a high-quality SMA assembly like the 4121 series, the VSWR is typically **< 1.35:1** at high frequencies. This indicates how much of the signal is reflected back to the source rather than transmitted through the cable.
#### C. Attenuation (Insertion Loss)
The "4121" suffix often denotes specific cable lengths or dielectric materials. Attenuation increases with frequency; however, these parts use high-grade PTFE (Teflon) insulation to keep loss minimal at gigahertz levels.
---
### 3. Structural Composition
* **Center Conductor:** Usually gold-plated brass or beryllium copper for high conductivity and oxidation resistance.
* **Dielectric:** PTFE (Polytetrafluoroethylene) provides the necessary spacing between the conductor and shield to maintain impedance.
* **Outer Shield:** Braided or foil shielding to prevent Electromagnetic Interference (EMI) and leakage.
* **Jacket:** Typically FEP or PVC, providing environmental protection.
---
### 4. Typical Applications
* **Telecommunications:** Base station internal wiring.
* **Aerospace:** High-reliability instrumentation and radar.
* **Testing:** Used as test leads for Spectrum Analyzers or Network Analyzers.
* **Medical:** Signal routing in imaging equipment.
- ⤷
What is the exact cable length associated with the '4121' code?
- ⤷ How does the 'R/Q' suffix affect the environmental rating of the connector?
- ⤷ What are the torque requirements for mounting this SMA connector?