M2AS1-4122-R/CE
AI

The **M2AS1-4122-R/CE** is a specialized industrial sensor, typically identified as an **Inductive Proximity Sensor** produced by manufacturers like **Bernstein AG**. These sensors are used for non-contact detection of metallic objects in automation and machinery.
---
### 1. Technical Specifications
The model name follows a specific nomenclature that defines its electronic and physical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Sensing Type** | Inductive | Detects ferrous and non-ferrous metals |
| **Housing Style** | M12 x 1 | Metric 12mm diameter threaded barrel |
| **Mounting** | Flush (Shielded) | Can be embedded directly in metal without interference |
| **Sensing Distance** | 2 mm to 4 mm | Standard range for M12 inductive sensors |
| **Output Type** | PNP | Positive logic (switches the load to the positive rail) |
| **Switching Function** | NO (Normally Open) | The circuit closes when a target is detected |
| **Voltage Range** | 10 - 30 V DC | Standard industrial DC power supply |
| **Connection** | M12 Connector | 4-pin plug (usually "CE" or "R" suffix indicates connector/cable type) |
---
### 2. Internal Electronic Components
Inside the cylindrical housing, the device consists of four primary electronic stages:
1. **Oscillator Circuit:** Consists of an LC (Inductor-Capacitor) tank. This creates a high-frequency electromagnetic field that emanates from the sensing face.
2. **Demodulator/Trigger:** When a metal object enters the field, eddy currents are induced in the target, which drains energy from the oscillator (damping). The trigger circuit detects this drop in amplitude.
3. **Output Amplifier:** Once the trigger threshold is met, the PNP transistor (usually a Power MOSFET or BJT) is energized to provide the output signal.
4. **Protection Circuitry:**
* **Reverse Polarity Protection:** Prevents damage if the + and - wires are swapped.
* **Short Circuit Protection:** Protects the internal transistor if the output is grounded.
* **Inductive Load Protection:** Clamping diodes to handle "flyback" voltage from relays.
---
### 3. Application Use Cases
* **Position Sensing:** Detecting the end-of-travel on a CNC axis.
* **Counting:** Counting metal parts on a high-speed conveyor belt.
* **Safety Interlocks:** Ensuring a metal guard is closed before a machine starts.
* **Speed Monitoring:** Detecting gear teeth to calculate RPM.
---
### 4. Wiring Diagram (Standard PNP)
Most M12 4-pin sensors follow this standard wiring convention:
```markdown
Pin 1 (Brown): +VDC (10-30V)
Pin 2 (White): Not Connected / Complementary Output
Pin 3 (Blue): 0V (Ground)
Pin 4 (Black): Output Signal (Load)
```
- ⤷
What is the difference between NPN and PNP versions of this sensor?
- ⤷ How does 'Flush' mounting affect the installation compared to 'Non-Flush'?
- ⤷ What are the environmental ratings (IP67/IP68) for the M2AS1 series?