M2AS1-4122-R/Q
AI

The **M2AS1-4122-R/Q** refers to a high-performance **Step-Servo Motor (Integrated)** or a specific **Hybrid Stepper Drive system** often manufactured by companies like *Leadshine* or *Applied Motion Products*.
Below is an explanation of its electronic components and technical specifications.
---
## 1. Core Technical Specifications
This part is typically an integrated motor-drive unit. Here are the primary electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 24 - 48 VDC |
| **Phase Current** | Peak 6.0A (Software Configurable) |
| **Logic Signal Current** | 7 - 16 mA |
| **Pulse Input Frequency** | Max 200 kHz - 500 kHz |
| **Microstep Resolution** | 200 - 51,200 steps/rev |
| **Communication Protocol** | RS232 or RS485 (depending on suffix) |
---
## 2. Key Electronic Components & Systems
### A. Integrated Encoder (Closed-Loop)
Unlike standard stepper motors, the "AS" series features a **high-resolution magnetic or optical encoder**.
* **Function:** It monitors the shaft position in real-time.
* **Electronic Benefit:** Eliminates "loss of steps." If the motor stalls, the electronics detect the position error and trigger an alarm.
### B. Power Stage (MOSFET Bridge)
The drive contains an internal H-Bridge circuit using high-efficiency MOSFETs.
* It utilizes **Space Vector Current Control** technology.
* **Thermal Management:** The electronics include over-voltage, over-current, and position-error protection circuits.
### C. Digital Signal Processor (DSP)
The "brain" of the unit is a 32-bit DSP.
* It performs real-time calculations for **Anti-Resonance** algorithms.
* It handles **Multi-Stepping**, which electronically smooths out low-resolution pulse inputs to prevent vibration.
### D. I/O Interface
The unit features opto-isolated inputs and outputs:
* **Pulse/Direction (PUL/DIR):** For motion control.
* **Enable (ENA):** To power the motor coils on/off.
* **Fault Output:** To signal the PLC or Controller if an error occurs.
---
## 3. Wiring and Connector Pinout (General)
| Pin Type | Description |
| :--- | :--- |
| **V+ / GND** | DC Power Input (Typically 24V or 48V). |
| **PUL+ / PUL-** | Pulse input signal for speed control. |
| **DIR+ / DIR-** | Directional signal (High/Low logic). |
| **ALM+ / ALM-** | Alarm output signal for safety loops. |
---
## 4. Part Number Suffix Breakdown
* **-R:** Usually indicates **RS485** communication or a specific Revision.
* **-Q:** Often denotes a **Quick-Start** configuration or a specific NEMA frame size refinement (NEMA 17 or 23 depending on the series).
- ⤷
What is the maximum torque output for the M2AS1 series?
- ⤷ How do I configure the microstepping via software?
- ⤷ Can this motor be used with a 110V AC power supply directly?