M2AS1-4123-R2/CE
AI

The **M2AS1-4123-R2/CE** is a specialized industrial computing module, typically identifying as a **COM Express (Computer-on-Module)** or a customized embedded board. These boards are designed to handle specific processing tasks while being plugged into a larger carrier board.
Below is a breakdown of the electronic components and technical characteristics generally associated with this specific model series.
---
## 1. Core Architecture
The "M2AS" series usually refers to modules based on specific embedded architectures (often Intel-based).
| Component | Description |
| :--- | :--- |
| **Processor (CPU)** | Usually equipped with an Intel Atom or Celeron low-power processor (e.g., Apollo Lake or Bay Trail series). |
| **Chipset** | Integrated System-on-Chip (SoC) design to reduce footprint and power consumption. |
| **Form Factor** | COM Express (Compact or Mini) or a proprietary embedded blade format. |
## 2. Memory and Storage
The electronic layout of the board focuses on stability in harsh environments.
* **RAM:** Typically supports **DDR3L or DDR4 SODIMM** slots, or has soldered memory for better vibration resistance.
* **Storage Interfaces:**
* **SATA III:** For connecting standard SSDs/HDDs.
* **mSATA / M.2:** Small form factor slots for flash storage.
* **eMMC:** Some variants include onboard flash storage for the OS.
## 3. Input/Output (I/O) Interfaces
These parts allow the module to communicate with the carrier board and external peripherals.
| Interface Type | Technical Details |
| :--- | :--- |
| **Ethernet** | Gigabit Ethernet controller (often Intel i210 or i211). |
| **USB** | Support for USB 3.0 and USB 2.0 headers. |
| **Display** | Integrated Graphics supporting VGA, LVDS, and DisplayPort/HDMI. |
| **Expansion** | PCIe (Peripheral Component Interconnect Express) lanes for custom add-on cards. |
## 4. Power and Environmental Specs
The "R2" and "CE" suffixes often denote specific revisions and certifications.
* **Power Input:** Usually requires a single +12V or +5V DC input from the carrier board.
* **Operating Temperature:** Designed for industrial ranges (Standard: 0°C to 60°C; Wide: -40°C to 85°C).
* **CE Marking:** The "CE" indicates compliance with European Union safety, health, and environmental protection requirements.
## 5. Typical Applications
Because of its compact and modular nature, the M2AS1-4123-R2/CE is used in:
1. **Industrial Automation:** Controlling PLC systems or HMI (Human Machine Interface).
2. **Medical Imaging:** Processing data for portable diagnostic equipment.
3. **Digital Signage:** Driving high-resolution displays in outdoor environments.
---
- ⤷What is the specific CPU model used in the R2/CE variant?
- ⤷ Does this module require a specific carrier board for operation?
- ⤷ What are the pinout differences between the M2AS1 series and standard COM Express?