M2AS1-4142-R/CE
AI

### Technical Overview: M2AS1-4142-R/CE
The **M2AS1-4142-R/CE** is a specialized modular connector system, typically categorized under **M12 Circular Connectors**. These are widely used in industrial automation, sensor technology, and fieldbus systems due to their robustness and reliability in harsh environments.
---
### Key Technical Specifications
The following table outlines the core electronic and mechanical characteristics of the M2AS1 series:
| Parameter | Specification |
| :--- | :--- |
| **Connector Type** | M12 Circular Connector |
| **Coding** | A-Coded (Standard for Sensors/DC Power) |
| **Number of Poles** | 4-Pin / 2-Socket Configuration |
| **Current Rating** | Typically 4A per contact |
| **Voltage Rating** | 60V AC / 60V DC |
| **Ingress Protection** | IP67 (Dust tight, immersion up to 1m) |
| **Termination Style** | Screw or Solder (Model dependent) |
| **Housing Material** | Nickel-plated Brass or Plastic |
---
### Electronic Components & Construction
The device is comprised of several critical electronic sub-parts:
1. **Contacts (Pins/Sockets):** Usually made of a copper alloy with gold (Au) or nickel (Ni) plating. Gold plating ensures low contact resistance and prevents oxidation over long periods of use.
2. **Insulator/Insert:** A high-performance plastic (often TPU or PA66) that holds the pins in place and provides electrical isolation between the poles.
3. **Coupling Nut:** A threaded metal or plastic ring that provides the mechanical locking mechanism to ensure the electrical connection is not broken by vibration.
4. **O-Ring/Seals:** Internal rubber gaskets that provide the IP67 rating, protecting the electronic signal from moisture and contaminants.
---
### Common Applications
* **Industrial Sensors:** Connecting Proximity, Photoelectric, and Ultrasonic sensors to a PLC.
* **Actuators:** Powering small solenoid valves or motor starters.
* **Data Transmission:** Used in CANbus or DeviceNet architectures (when A-coded).
* **Factory Automation:** Standardized interface for robotic arms and conveyor systems.
---
### Wiring Configuration (A-Coding Standard)
For a 4-pin A-coded configuration, the standard wiring is typically:
1. **Pin 1:** Brown (+24V DC)
2. **Pin 2:** White (Signal/NC)
3. **Pin 3:** Blue (0V / Ground)
4. **Pin 4:** Black (Signal/NO)
- ⤷What is the difference between A-coded and B-coded M12 connectors?
- ⤷ What are the specific mounting options for the M2AS1 series?
- ⤷ How does IP67 rating protect the electronic contacts in this connector?