M2AS1-4144-R/CE
AI

The **M2AS1-4144-R/CE** is a specialized electronic component primarily used in industrial automation, specifically within the realm of **optical encoders** or **rotary positioning sensors**. This part number is associated with high-precision feedback systems.
---
### Core Specifications and Components
This device functions as an interface or a sensing head for measuring rotational displacement. Below are the primary electronic characteristics:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Optical Rotary Encoder / Sensor Head |
| **Signal Type** | Incremental (A, B, and Index/Z pulses) |
| **Resolution** | High-definition pulses per revolution (PPR) |
| **Interface** | RS-422 / TTL Compatible |
| **Input Voltage** | Typically 5V DC (standard for digital logic) |
| **Environmental Protection** | CE Rated (European Conformity) for EMI/EMC |
---
### Internal Electronic Architecture
The "Electronic Parts" within this assembly consist of several integrated stages:
1. **Light Source (LED):** A high-intensity infrared or visible light LED that illuminates the internal scale/disk.
2. **Photodetector Array:** A series of photodiodes that convert the light passing through the encoder disk into micro-currents.
3. **Signal Conditioning IC:**
* **Amplifiers:** Boost the weak signals from the photodiodes.
* **Comparators:** Convert analog sine waves into clean digital square waves (Schmitt trigger logic).
4. **Differential Line Driver:** Uses a chip (often equivalent to the 26LS31) to provide differential output signals (A, A-, B, B-). This ensures noise immunity over long cable runs.
---
### Pinout and Connectivity (Typical)
While specific wiring depends on the cable assembly, the electronic interface generally follows this logic:
* **Vcc/GND:** Power supply pins.
* **A / B Channels:** Quadrature signals shifted by 90° to determine direction.
* **Index (Z) Channel:** A single pulse per revolution for homing/reference.
* **Shield:** Connected to the metal housing for electrostatic discharge (ESD) protection.
---
### Applications
* **CNC Machinery:** Precise feedback for motor spindles.
* **Robotics:** Joint position monitoring.
* **Medical Equipment:** Accurate rotation in imaging or laboratory automation.
---
- ⤷What is the exact pulses per revolution (PPR) for this specific model?
- ⤷ How do I troubleshoot a 'Signal Loss' error on an M2AS series encoder?
- ⤷ Is the M2AS1-4144-R/CE compatible with 24V PLC inputs?