M2AS1-4144-R2/CE
AI

The **M2AS1-4144-R2/CE** is a specialized high-performance computing component, specifically a **M.2 Solid State Drive (SSD)** designed for industrial or embedded applications. This part is part of the Cervoz industrial storage lineup.
---
### 1. General Specifications
The device is built to handle intensive data workloads and harsh environmental conditions that standard consumer SSDs cannot tolerate.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 2280 (80mm length) |
| **Interface** | SATA III 6.0Gb/s |
| **NAND Flash Type** | MLC (Multi-Level Cell) |
| **Capacity** | 128GB (Standard for this specific part number) |
| **Operating Temp** | 0°C ~ 70°C (Standard Grade) |
---
### 2. Key Electronic Components
The internal PCB of the M2AS1-4144-R2/CE consists of several critical electronic sub-systems:
#### A. NAND Flash Memory
* **Technology:** Uses MLC (Multi-Level Cell) chips.
* **Function:** This is the non-volatile storage where data is physically kept. MLC provides a balance between the high endurance of SLC and the high density of TLC.
#### B. The Controller
* **Function:** The "brain" of the SSD. It manages error correction (ECC), wear leveling (distributing writes across the flash to prevent premature failure), and bad block management.
* **Protocol:** It translates SATA commands from the host computer into signals the NAND chips understand.
#### C. DRAM Cache (Conditional)
* Some variants in this family include a DDR3/DDR4 DRAM chip to store the **L2P (Logical-to-Physical) mapping table**. This significantly speeds up small-block random write operations.
#### D. Power Management IC (PMIC)
* **Voltage Regulation:** Converts the 3.3V supplied by the M.2 slot into lower voltages (typically 1.8V and 1.2V) required by the controller and NAND.
* **Protection:** Includes capacitors for noise filtering to ensure stable data transmission.
---
### 3. Industrial Grade Features
Unlike consumer parts, the "CE" suffix and "R2" revision often denote specific industrial optimizations:
1. **Fixed BOM:** The internal electronic components (Controller/NAND) are locked. They will not be changed without a formal Product Change Vital (PCN), ensuring long-term compatibility for factory machines.
2. **Shock/Vibration Resistance:** The electronic solder joints are often reinforced to withstand mechanical stress in industrial environments.
3. **Advanced ECC:** Uses sophisticated algorithms to detect and fix bit-flips caused by electronic interference.
---
- ⤷
What is the difference between MLC and TLC flash in industrial SSDs?
- ⤷ Does this model support Power Loss Protection (PLP)?
- ⤷ How does the SATA III interface compare to NVMe in M.2 form factors?