Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-4224-R2/CE

  • AI
    The **M2AS1-4224-R2/CE** is a specialized power distribution unit (PDU) component, typically integrated into server racks or high-performance computing environments. Based on the technical nomenclature, this part is an **Automatic Transfer Switch (ATS)** module designed for redundancy. --- ### 1. Core Functionality The primary purpose of this electronic assembly is to provide **power redundancy** for equipment with a single power supply. It manages two independent power sources (Source A and Source B). | Feature | Description | | :--- | :--- | | **Switching Mechanism** | Uses high-speed relays or thyristors to switch between sources. | | **Transfer Time** | Typically <15ms (ensuring the connected equipment does not reboot). | | **Monitoring** | Integrated sensors for voltage, current, and frequency. | | **Logic** | Microprocessor-controlled logic to detect power failure or "dirty" power. | --- ### 2. Technical Specifications (Electronic Profile) The "4224" segment of the model number generally refers to the electrical capacity and physical configuration. * **Input Voltage:** Usually 200V - 240V AC (Standard for data center environments). * **Current Rating:** 32A (though some variants in this series handle 16A or 20A depending on the regional suffix). * **Circuit Protection:** Includes internal **Hydraulic-Magnetic Circuit Breakers** to protect against overcurrent without being affected by ambient temperature. * **Connectivity:** * **Serial/Network Port:** For remote monitoring via SNMP or Modbus. * **LCD Display:** Integrated electronic display for real-time load monitoring. --- ### 3. Key Electronic Components Inside Inside the M2AS1 series, you will find several critical electronic sub-systems: 1. **Control Logic Board (PCB):** Houses the MCU (Microcontroller) that runs the firmware responsible for the "decision making" (when to switch sources). 2. **Sensing Circuitry:** Precision resistors and ICs used to measure the Sine wave of the input power. 3. **Electromechanical Relays:** Robust switches capable of handling high inrush currents. 4. **Surge Suppression:** MOVs (Metal Oxide Varistors) to protect sensitive downstream electronics from voltage spikes. --- ### 4. Implementation Example If you were to interface with the monitoring port using a script (e.g., Python via SNMP), the logic would look like this: ```python # Conceptual snippet to check ATS status import snmp_library def check_pdu_status(ip_address): # OID for Source Status status_oid = "1.3.6.1.4.1.xxx.x.x" current_source = snmp_library.get(ip_address, status_oid) if current_source == "Source_A": print("System operating on Primary Power.") else: print("Warning: System switched to Redundant Source B.") ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum power draw supported by the M2AS1-4224-R2/CE?
    • ⤷ Does this model support remote power cycling of individual outlets?
    • ⤷ What are the common failure modes for ATS modules in server racks?