M2AS1-4231-R2/CE
AI

Based on the model number **M2AS1-4231-R2/CE**, this part is an industrial-grade **Limit Switch** or **Position Sensor**, typically manufactured by companies specializing in automation components (such as *Bernstein AG* or similar industrial suppliers).
Below is a breakdown of its electronic and mechanical parts, specifications, and design features.
---
### 1. Component Specifications
The M2AS1 series usually follows a standardized modular design for industrial automation.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Contact Type** | Snap-Action | Quick switching to prevent arcing and ensure precision. |
| **Contact Configuration** | 1 NO / 1 NC | 1 Normally Open and 1 Normally Closed circuit. |
| **Voltage Rating (AC)** | Up to 240V | Standard industrial AC voltage compatibility. |
| **Thermal Current (Ith)** | 10A | Maximum continuous current the contacts can handle. |
| **Protection Class** | IP65 / IP67 | Dust-tight and protected against water jets/immersion. |
| **Housing Material** | Metal / Die-cast | High durability for heavy-duty environments. |
---
### 2. Electronic & Internal Parts
The "brains" and "muscles" of the switch consist of the following internal assemblies:
* **Contact Block:** The core electrical component. It contains the silver-nickel or gold-plated contacts that open or close the circuit when the actuator is triggered.
* **Terminal Screws:** Located inside the housing, these are used for wiring the switch to the PLC (Programmable Logic Controller) or motor starter.
* **Galvanic Isolation:** The internal architecture ensures that the NC and NO circuits are electrically separated (Zb contact form), allowing for different potentials to be switched.
* **Earth Terminal:** A dedicated grounding screw to ensure the metal housing is safely earthed.
---
### 3. Mechanical & External Parts
The "R2" and "CE" suffixes provide clues about the physical interface:
* **Actuator (R2):** Likely refers to a **Roller Lever** or **Offset Roller**. This part physically touches the moving machinery to trigger the internal electronic contacts.
* **Cable Entry:** Usually features an M20 x 1.5 or PG13.5 threaded hole for industrial cable glands.
* **Reset Mechanism:** Being an "M2" series, it often features a spring-return mechanism, meaning the switch returns to its original state once the force is removed.
---
### 4. Safety and Standards
The **/CE** suffix indicates that the part meets the **European Conformity** standards, specifically:
* **Low Voltage Directive (LVD):** Ensures the electrical safety of the device.
* **Machinery Directive:** Ensures the switch can be used as a safety-related part of a control system.
---
- ⤷
What is the maximum switching frequency for this specific limit switch?
- ⤷ Can this part be used in explosive environments (ATEX zones)?
- ⤷ What are the mounting hole dimensions for the M2AS1 housing?