AI

The **M2AS1-4233-R/CE** is a specialized high-performance industrial solid-state storage module, typically utilized in enterprise networking, edge computing, and industrial automation. It is part of the M.2 SATA SSD family, specifically engineered for reliability in demanding environments.
---
## 1. Core Technical Specifications
The "M2AS1" series generally refers to an M.2 form factor utilizing the SATA III interface. Below are the electronic and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | M.2 2242 (42mm length) |
| **Interface** | SATA III 6.0 Gb/s |
| **Capacity** | 32GB (indicated by the '32' or '4233' variant code) |
| **Flash Type** | SLC or iSLC (Industrial-grade cell technology) |
| **Connector** | B+M Key |
| **Input Voltage** | 3.3V ± 5% |
---
## 2. Key Electronic Components
The internal architecture consists of three primary electronic layers:
### A. The NAND Flash Controller
The "brain" of the module. It manages data placement, error correction, and wear leveling.
* **Error Correction Code (ECC):** Usually LDPC (Low-Density Parity-Check) to ensure data integrity.
* **Power Management IC (PMIC):** Regulates the 3.3V input down to the lower voltages required by the NAND and Controller chips.
### B. NAND Flash Memory
This part stores the data. In the "R/CE" industrial series:
* **Reliability:** Designed for high P/E (Program/Erase) cycles.
* **Data Retention:** Enhanced firmware to prevent data leakage during long periods of power-off.
### C. Thermal & Protection Circuitry
* **Thermal Sensor:** Monitors real-time temperature to trigger "Thermal Throttling" if the device overheats.
* **Power-Loss Protection (PLP):** Often includes tantalum capacitors or specialized firmware logic to prevent data corruption during sudden power outages.
---
## 3. Product Suffix Breakdown
The specific string **"R/CE"** provides information regarding its certifications and environmental ratings:
* **R:** Often denotes **RoHS Compliance** (Restriction of Hazardous Substances).
* **CE:** Indicates **Conformité Européenne**, meaning it meets European safety, health, and environmental protection requirements.
* **Industrial Grade:** These modules usually support an extended temperature range (e.g., -40°C to +85°C), unlike consumer-grade SSDs.
---
## 4. Pinout Definition (M.2 B+M Key)
The electronic interface uses a standard M.2 SATA pinout:
```markdown
Pin Range | Function
----------|------------------------------------------------
1 - 11 | Ground and 3.3V Power
12 - 19 | (Key B) - Prevents incorrect insertion
20 - 66 | SATA Differential pairs (Transmit/Receive) & DAS/DSS
67 - 75 | (Key M) - Power and Ground pins
```
---
- ⤷
What is the maximum read/write speed for the M2AS1 series?
- ⤷ Does this model support hardware-based AES encryption?
- ⤷ How does iSLC technology compare to standard MLC in industrial SSDs?