Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-4241-R2/CE

  • AI
    The **M2AS1-4241-R2/CE** is a specialized electronic component, typically identified as a **high-precision, industrial-grade Current Transformer (CT)** or an AC current sensing module, often used in power monitoring, energy management systems, and industrial automation. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This device is designed to measure alternating current (AC) by producing a proportional reduced signal that can be safely read by monitoring equipment (like PLCs or energy meters). | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | AC Current Transformer / Current Sensor | | **Input Range** | Often rated for 0-5A or 0-10A (Model specific) | | **Output Type** | Secondary current or low-voltage signal | | **Accuracy Class** | High Precision (0.2 or 0.5 Class) | | **Insulation Voltage** | 2.5kV to 4kV (Safety isolation) | | **Frequency Range** | 50Hz / 60Hz | --- ### 2. Electronic Parts & Construction The module consists of several internal electronic elements that ensure signal integrity and safety: * **Primary Winding (Input):** Usually a single conductor or a few turns through the center of the ring. * **Secondary Winding:** Fine copper wiring wrapped around a high-permeability magnetic core (Permalloy or Silicon Steel). * **Magnetic Core:** The "heart" of the component, designed to minimize hysteresis and eddy current losses. * **Encapsulation:** The internal parts are typically potted with **Epoxy Resin**, which provides: * Flame retardancy (UL94-V0 compliance). * Moisture protection. * High dielectric strength. * **Terminals:** PCB-mount pins or screw terminals (R2/CE variants often signify specific physical mounting or CE certification). --- ### 3. Key Electronic Functions #### A. Galvanic Isolation One of the primary roles of the M2AS1 series is to provide a physical barrier between the high-power AC line and the low-power control circuitry. This prevents high voltage from damaging microcontrollers or sensitive electronics. #### B. Linearity The "CE" designation often implies compliance with European safety and electromagnetic compatibility standards. The internal circuitry is tuned to maintain a linear relationship between input and output, ensuring that 50% load results in exactly 50% signal output. #### C. Burden Resistor (Internal/External) Depending on the specific sub-model: * **Current Output:** Requires an external burden resistor to convert the secondary current into a measurable voltage. * **Voltage Output:** Includes an internal precision resistor to provide a direct 0-5V or 0-3.3V signal. --- ### 4. Typical Applications * **Power Meters:** Residential or industrial smart meters. * **Overcurrent Protection:** Relays that trip a circuit if the current exceeds a set limit. * **Motor Monitoring:** Checking the health of industrial motors by analyzing current draw patterns. * **HVAC Systems:** Monitoring fan and compressor power consumption. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact turns ratio for the M2AS1-4241 variant?
    • ⤷ Does this model require an external burden resistor for voltage conversion?
    • ⤷ How do I mount this component on a PCB for high-vibration environments?