Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-4242-R2/Q

  • AI
    The **M2AS1-4242-R2/Q** is a high-performance, precision DC-DC converter module, typically used in aerospace, defense, and high-reliability industrial applications. These modules are known for their compact "quarter-brick" (Q) form factor and high efficiency. --- ### 1. Key Technical Specifications The following table outlines the general electronic characteristics associated with this series: | Parameter | Typical Value / Range | | :--- | :--- | | **Input Voltage Range** | 18V - 36V DC (Nominal 24V) | | **Output Voltage** | 5V DC (Configurable in some sub-models) | | **Power Rating** | 100W - 200W (Depending on thermal management) | | **Form Factor** | Quarter-Brick (approx. 2.28" x 1.45") | | **Efficiency** | > 90% | | **Isolation** | 1500V - 2250V DC | --- ### 2. Major Electronic Components & Features The internal architecture of this module consists of several critical electronic sub-systems: * **Primary Switching Stage:** Utilizes high-frequency MOSFETs and a PWM (Pulse Width Modulation) controller to convert DC input into high-frequency AC. * **Isolation Transformer:** Provides galvanic isolation between the input and output stages, ensuring safety and noise reduction. * **Synchronous Rectification:** Uses active MOSFETs instead of diodes on the secondary side to minimize power loss and heat generation. * **Control Loop (Feedback):** Optocouplers or digital isolators send feedback from the output to the primary controller to maintain tight voltage regulation. * **Protection Circuitry:** * **OCP (Over-Current Protection):** Shuts down or limits current during a short circuit. * **OVP (Over-Voltage Protection):** Prevents damage to the load if the regulation fails. * **OTP (Over-Temperature Protection):** Thermal sensors reduce power if the baseplate temperature exceeds limits. --- ### 3. Pinout and Interface The module typically features a standard pin configuration for integration into a PCB: | Pin Name | Function | Description | | :--- | :--- | :--- | | **Vin(+) / Vin(-)** | Input Power | Connection to the primary DC source. | | **ON/OFF** | Remote Control | Enables or disables the converter via a logic signal. | | **Vout(+) / Vout(-)** | Output Power | Regulated DC output to the load. | | **Trim** | Voltage Adjustment | Allows the user to adjust output voltage by ±10% via a resistor. | | **Sense(+) / Sense(-)** | Remote Sensing | Compensates for voltage drops across PCB traces. | --- ### 4. Application Environments Due to the **"R2/Q"** designation (often implying Ruggedized or Mil-spec standards), this part is commonly found in: 1. **Avionics:** Distributed power architectures in aircraft. 2. **Military Systems:** Ground vehicles and communication hubs requiring high vibration resistance. 3. **Industrial Automation:** High-power robotic controllers requiring high MTBF (Mean Time Between Failures).
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the R2 revision of this module?
    • ⤷ How does the 'Trim' pin calculate the resistor value for a 10% voltage increase?
    • ⤷ What are the thermal derating requirements for operating this part at 85°C?