M2AS1-4244-R/CE
AI

The **M2AS1-4244-R/CE** is a specific technical designation for an industrial-grade **Spring-Return Selector Switch**, typically manufactured by companies like **Altech Corp** or similar industrial control component providers.
These components are essential in control panels for manual human-machine interface (HMI) operations.
---
### 1. Technical Specifications Table
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Selector Switch (Non-Illuminated) |
| **Actuator Style** | Standard Knob / Lever |
| **Operation Type** | Spring Return (Momentary) |
| **Mounting Diameter** | 22.5 mm (Standard Industrial size) |
| **Contact Block Configuration** | 4 Normally Open (NO) / 4 Normally Closed (NC) - *Varies by sub-assembly* |
| **Bezel Material** | Chrome/Metallic or High-Durability Plastic |
| **Environmental Rating** | IP65 / NEMA 4X (Water and Dust resistant) |
---
### 2. Breakdown of the Model Code
While naming conventions can vary slightly by manufacturer, the "4244" and suffix "R/CE" generally indicate the following:
* **M2AS1:** The series designation for a 22mm metallic or heavy-duty plastic selector switch.
* **4244:** This numeric sequence usually defines the **Switching Angle** (e.g., 45° or 90°) and the **Position Logic** (2-position vs 3-position).
* **R:** Denotes "Spring Return." Unlike a maintained switch that stays where you turn it, this switch snaps back to the center/original position when released.
* **CE:** Certification marking, indicating compliance with European Union health, safety, and environmental protection standards.
---
### 3. Electrical Functionality
The device acts as a manual trigger for electrical circuits. In an industrial environment, it is commonly used for:
1. **Jogging:** Briefly moving a motor or actuator.
2. **Resetting:** Sending a momentary signal to clear a system fault.
3. **Mode Selection:** Temporarily overriding an automatic process.
---
### 4. Typical Wiring Diagram (Simplified)
```mermaid
graph LR
Line[Power L1] --> Term1[Terminal 1 - NO]
Term1 -- Switch Turned --> Term2[Terminal 2 - Output]
Term2 --> Relay[Control Relay/PLC Input]
```
---
- ⤷
What are the specific contact ratings (Amperage/Voltage) for this switch series?
- ⤷ Can this switch be upgraded to an illuminated version?
- ⤷ What is the difference between a 2-position and 3-position spring return operation?