M2AS1-4244-R2/CE
AI

Based on the part number **M2AS1-4244-R2/CE**, this component belongs to the **M2AS1 series** of industrial-grade relay modules, typically manufactured by companies like **Dold** or similar European automation component suppliers.
Below is a breakdown of the electronic specifications and characteristics of this specific unit.
---
## 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Product Category** | Relay Module / Interface Relay |
| **Control Voltage** | 24V DC (Common for this series) |
| **Contact Configuration** | 4 Changeover (CO) / SPDT contacts |
| **Contact Rating** | Usually 6A to 8A at 250V AC |
| **Mounting Type** | DIN Rail Mounting |
| **Termination** | Screw Terminals |
| **Safety Certification** | CE Marked (indicated by /CE suffix) |
---
## 2. Part Number Breakdown
Understanding the nomenclature helps identify the specific features:
* **M2AS1**: The base series designation (Standard housing width/type).
* **4244**: This code typically defines the contact material and the specific internal wiring configuration (e.g., AgNi contacts for general-purpose switching).
* **R2**: Refers to the revision or a specific variant involving the input circuit (often includes an integrated LED and protection diode).
* **CE**: Confirms compliance with European Health, Safety, and Environmental protection standards.
---
## 3. Key Electronic Features
### Input Side (Coil)
* **Polarity Protection**: Usually contains an integrated free-wheeling diode to protect against voltage spikes when the coil is de-energized.
* **Status Indication**: Features a high-visibility LED to show the excitation state of the relay.
### Output Side (Contacts)
* **Multi-Channel Switching**: Provides 4 independent sets of contacts, allowing one input signal to trigger four separate circuits.
* **Low Contact Resistance**: Designed for high reliability in industrial control loops.
### Mechanical / Environmental
* **IP Protection**: Usually rated IP20 for finger safety.
* **Housing**: Flame-retardant plastic designed for high-density DIN rail clusters.
---
## 4. Typical Applications
1. **PLC Interfacing**: Isolating sensitive PLC outputs from high-voltage field actuators.
2. **Signal Multiplication**: Taking a single logic signal and branching it to multiple safety or feedback circuits.
3. **Galvanic Isolation**: Ensuring there is no electrical path between the control logic and the power load.
- ⤷
What is the maximum switching frequency for the M2AS1 series?
- ⤷ Can this relay be used for switching inductive loads without external snubbers?
- ⤷ Are there specific wiring diagrams available for the 4244 configuration?