M2AS1-4312-R/N
AI

The **M2AS1-4312-R/N** is a specific part number belonging to the **M2AS series** of industrial-grade rotary switches, typically manufactured by companies like **NKK Switches** or similar precision component vendors. These are often used in control panels, medical equipment, and telecommunications.
---
### 1. Technical Specifications Overview
The part number is an alphanumeric code where each segment represents a specific physical or electrical characteristic.
| Feature | Description |
| :--- | :--- |
| **Switch Type** | Rotary Switch (Subminiature) |
| **Mounting Type** | PC Board (Through-hole) / Vertical |
| **Number of Positions** | Typically 2 to 4 positions (adjustable or fixed) |
| **Contact Material** | Gold or Silver (R/N usually denotes contact plating/rating) |
| **Actuator Style** | Screwdriver slot or Shaft-actuated |
---
### 2. Detailed Electronic Characteristics
#### A. Contact Ratings
These switches are designed for logic-level signals rather than high-power switching.
* **Maximum Voltage:** Typically 28V DC.
* **Maximum Current:** 0.1A (100mA) to 0.4VA maximum.
* **Contact Resistance:** Low initial resistance (often <50mΩ) to ensure signal integrity in sensitive circuits.
#### B. Terminal Configuration
The "4312" segment often refers to the internal wiring and pole configuration:
* **Poles:** Likely a Single Pole (1P) or Double Pole (2P) configuration.
* **Pitch:** Standard 2.54mm (0.1") spacing for easy integration into breadboards or standard PCBs.
#### C. Environmental Durability
* **Sealing:** The "/N" or suffixes often indicate a "Process Sealed" design. This means the component can withstand automated wave soldering and cleaning processes (washable) without flux entering the internal contacts.
* **Temperature Range:** Usually rated for -25°C to +70°C.
---
### 3. Application Use-Cases
Because of its small footprint and reliability, the M2AS1-4312-R/N is commonly found in:
1. **DIP Switch Replacement:** Used for setting device IDs or modes where a rotary interface is more intuitive than linear sliders.
2. **Audio Equipment:** Gain or channel selection in compact pre-amps.
3. **Industrial Controls:** Setting parameters on a PLC (Programmable Logic Controller) module.
---
### 4. Mounting Diagram (Simplified)
```text
[ Actuator ]
_______|_______
| |
| Switch |
| Body |
|_______________|
| | | | <-- Terminals (Pins)
----------------- <-- PCB Surface
```
- ⤷
What is the exact pole and throw configuration for the 4312 variant?
- ⤷ Is this switch compatible with lead-free soldering processes?
- ⤷ Are there alternative actuator styles available for the M2AS series?