AI

The **M2AS1-4313-R/Q** refers to a specific configuration of a high-performance **Step-Servo Motor** (Integrated Motor and Drive) manufactured by **Applied Motion Products**. This part belongs to the SSM series, which combines a brushless motor, an encoder, and a drive/controller into a single package.
---
### 1. Key Technical Specifications
The electronic components within this unit are designed to provide closed-loop control, which eliminates the common "stalling" issues found in traditional open-loop stepper motors.
| Feature | Specification |
| :--- | :--- |
| **Motor Type** | NEMA 17 Step-Servo (Integrated) |
| **Communication** | RS-485 / Modbus RTU |
| **Input Voltage** | 12 - 48 VDC |
| **Feedback Device** | 20,000 counts/rev Digital Encoder |
| **Control Modes** | Pulse/Direction, Velocity, SCL, Modbus |
| **Inputs/Outputs** | 3 Digital Inputs, 1 Digital Output |
| **Protection** | Over-voltage, Under-voltage, Over-temp |
---
### 2. Internal Electronic Subsystems
The "R/Q" designation indicates the communication and control capabilities of the internal circuitry:
#### A. The Integrated Drive/Controller
Unlike a standard motor that requires an external driver, the M2AS1-4313 contains a built-in PCB that handles:
* **Current Control:** Uses high-frequency PWM to manage power to the motor phases.
* **Vector Control (FOC):** It treats the stepper motor like a 2-phase brushless motor, adjusting current based on real-time load.
#### B. Encoder (Feedback System)
The "Step-Servo" technology relies on a high-resolution optical or magnetic encoder. This allows the electronics to:
* Correct position errors.
* Reduce heat by only providing the current required for the actual load.
* Enable "Stall Detection" and "Stall Prevention."
#### C. Communication Interface (R/Q Options)
* **RS-485 (R):** Supports multi-drop networking. You can daisy-chain up to 32 motors and control them via a single PC or PLC using the SCL (Serial Control Language).
* **Q-Programming (Q):** This signifies that the internal electronics have non-volatile memory capable of storing and executing stand-alone programs. The motor can run complex motions without a constant connection to a master controller.
---
### 3. Connection and Wiring Electronics
The unit typically features several connectors for electronic integration:
1. **Power Connector:** 2-pin terminal for VDC input.
2. **I/O Connector:** Includes pins for:
* **Step/Dir Signals:** For use with external pulse generators.
* **Enable/Fault Signals:** For safety and status monitoring.
3. **Communication Port:** 5-pin screw terminal or RJ45 for RS-485 networking.
---
### 4. Part Number Breakdown (Suffix Meaning)
* **M2:** NEMA 17 Frame size.
* **AS1:** Step-Servo technology, Standard torque.
* **4313:** Motor stack length and winding configuration.
* **R:** RS-485 Communication.
* **Q:** Built-in motion controller (Stand-alone capability).
---
- ⤷
What is the maximum torque output for the M2AS1 series?
- ⤷ How do you program the 'Q' functionality in Applied Motion motors?
- ⤷ Can this motor be used in a CANopen network instead of RS-485?