M2AS1-4313-R2/Q
AI

Based on the part number **M2AS1-4313-R2/Q**, this component belongs to a specific category of **Small Form-factor Pluggable (SFP) Optical Transceivers**, typically manufactured by companies like **Skylane Optics** or similar network hardware providers.
Below is a detailed breakdown of its electronic and functional characteristics.
---
### 1. General Specifications
The device is an optical module used to convert electrical signals into optical signals (and vice versa) for high-speed data networking.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | SFP (Small Form-factor Pluggable) |
| **Data Rate** | Up to 1.25 Gbps (Gigabit Ethernet) |
| **Mode** | Single Mode Fiber (SMF) |
| **Wavelength** | 1310 nm |
| **Distance Support** | Up to 10 km - 20 km (Standard Reach) |
| **Connector Type** | Dual LC (Lucent Connector) |
---
### 2. Electronic Component Breakdown
Internally, the M2AS1-4313-R2/Q consists of several critical electronic sub-assemblies:
#### A. The Transmitter Path
* **Laser Driver:** An integrated circuit (IC) that converts the differential electrical input (PECL or CML) into a modulation current.
* **TOSA (Transmitter Optical Sub-Assembly):** Contains a **Fabry-Pérot (FP) Laser** or a DFB laser (depending on the specific revision) that emits light at 1310nm.
#### B. The Receiver Path
* **ROSA (Receiver Optical Sub-Assembly):** Contains a high-speed **PIN Photodiode** to detect incoming light.
* **TIA (Transimpedance Amplifier):** Converts the weak current from the photodiode into a usable voltage signal.
* **Limiting Amplifier:** Restores the signal to standard logic levels for the host PCB.
#### C. Control & Interface
* **EEPROM:** Stores the "Serial ID" information (vendor name, part number, serial number).
* **DDM/DOM (Digital Diagnostic Monitoring):** The "Q" or "R2" suffix often denotes the inclusion of DDM. This allows the host system to monitor:
* Supply Voltage
* Module Temperature
* Laser Bias Current
* TX Optical Power
* RX Optical Power
---
### 3. Pinout Configuration (Standard SFP)
The module interface follows the **SFP MSA (Multi-Source Agreement)**.
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1 | VeeT | Transmitter Ground |
| 2 | TX Fault | Transmitter Fault Indication |
| 3 | TX Disable | Optical Output Disable |
| 4 | SDA | 2-wire Serial Interface Data Line (I2C) |
| 5 | SCL | 2-wire Serial Interface Clock Line (I2C) |
| 6 | MOD_ABS | Module Absent (Grounded in module) |
| 12 | RD- | Inverted Received Data Out |
| 13 | RD+ | Non-Inverted Received Data Out |
| 18 | TD+ | Non-Inverted Transmit Data In |
| 19 | TD- | Inverted Transmit Data In |
---
### 4. Environmental and Compliance
* **Operating Temperature:** Typically Industrial (-40°C to 85°C) or Commercial (0°C to 70°C). The "R2" designation often implies a specific hardware revision for improved thermal stability.
* **Voltage:** 3.3V DC.
* **Compliance:** RoHS compliant, Class 1 Laser Safety (IEC 60825-1).
---
- ⤷
What is the specific difference between the R2 and previous revisions of this module?
- ⤷ Can this SFP module be used in a SFP+ port?
- ⤷ How do I access the DDM data via a switch command line?