M2AS1-4322-R
AI

The **M2AS1-4322-R** is a specific electronic component belonging to the **M2 series** of high-frequency, surface-mount (SMD) RF transformers/baluns, typically manufactured by companies like **MACOM** or similar RF solution providers.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Overview
The M2AS1-4322-R is a **1:1 Transmission Line Transformer**. It is designed for applications requiring impedance matching, balanced-to-unbalanced signal conversion (balun), and wideband performance in communication systems.
### 2. Technical Specifications
The following table outlines the typical electrical parameters for this class of component:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Frequency Range** | 5 MHz to 3000 MHz |
| **Impedance Ratio** | 1:1 |
| **Insertion Loss** | 0.5 dB to 2.0 dB (frequency dependent) |
| **Amplitude Unbalance** | 0.5 dB Max |
| **Phase Unbalance** | 5° Max |
| **Input Return Loss** | 15 dB to 20 dB |
| **Operating Temperature** | -40°C to +85°C |
| **Mounting Type** | Surface Mount Device (SMD) |
---
### 3. Key Electronic Features
* **Wideband Performance:** Capable of handling frequencies from the low MHz range up to 3 GHz, making it suitable for CATV, broadband wireless, and satellite communications.
* **Impedance Matching:** Provides a seamless 50-ohm to 50-ohm (or 75-ohm to 75-ohm) transition while providing DC isolation between the primary and secondary stages.
* **Small Form Factor:** Usually packaged in a low-profile, lead-free SMD housing, optimized for automated "pick and place" assembly.
* **High Power Handling:** Designed to handle standard signal levels in RF front-ends without significant saturation or distortion.
### 4. Common Applications
This part is commonly integrated into the following systems:
1. **CATV Infrastructure:** Used in set-top boxes and cable modems for signal distribution.
2. **Wireless Base Stations:** Signal routing in cellular infrastructure.
3. **Test Equipment:** Providing isolation and balanced signals in RF measurement tools.
4. **A/D Converters:** Interfacing single-ended RF signals to differential inputs of high-speed Analog-to-Digital converters.
---
### 5. Part Number Nomenclature (Typical)
* **M2:** Refers to the physical package size/series.
* **AS1:** Indicates the internal wiring configuration (e.g., 1:1 Autotransformer or Balun).
* **4322:** Specific electrical design/winding ratio code.
* **-R:** Generally indicates "RoHS Compliant" and "Tape and Reel" packaging for manufacturing.
- ⤷What is the maximum power rating for the M2AS1-4322-R?
- ⤷ Can this part be used in 75-ohm systems as well as 50-ohm systems?
- ⤷ What are the recommended soldering profile settings for this SMD component?