M2AS1-4322-R/CE
AI

The **M2AS1-4322-R/CE** is a specialized high-performance memory module typically manufactured by **Apacer**. It is part of their industrial-grade Server/Workstation DRAM lineup.
---
## 🛠️ Technical Specifications
This part is a **32GB DDR4 3200MHz ECC Registered DIMM (RDIMM)**. Below is the detailed breakdown of its electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Memory Type** | DDR4 SDRAM |
| **Form Factor** | 288-pin Registered DIMM (RDIMM) |
| **Capacity** | 32 GB |
| **Speed** | 3200 MT/s (PC4-25600) |
| **CAS Latency** | CL22 |
| **Voltage** | 1.2V (Standard DDR4 Low Voltage) |
| **Error Correction** | ECC (Error Correcting Code) |
| **Rank** | 2Rx4 (Dual Rank) |
| **Operating Temp** | 0°C ~ 85°C |
---
## 🧩 Key Components and Architecture
The module consists of several critical electronic components integrated onto the PCB:
### 1. DRAM Integrated Circuits (ICs)
The board features high-density memory chips (likely from manufacturers like Samsung, SK Hynix, or Micron). As a **2Rx4** module, it uses a x4 data width per chip, which allows for higher density and better advanced ECC features like "Chipkill" or "Device Tagging."
### 2. Registering Clock Driver (RCD)
The "R" in RDIMM signifies that it includes a **Register**. This chip acts as a buffer between the memory controller and the DRAM ICs.
* **Function:** It re-drives control and address signals, reducing the electrical load on the CPU's memory controller. This allows for higher system stability when using multiple modules.
### 3. Serial Presence Detect (SPD) EEPROM with Thermal Sensor
* **SPD:** A small non-volatile memory chip that stores the module's timing, voltage, and manufacturer data so the BIOS can configure it automatically.
* **Thermal Sensor:** Many industrial-grade R/CE modules include an integrated digital thermal sensor to monitor temperature and prevent overheating through thermal throttling.
### 4. Decoupling Capacitors
Small SMD (Surface Mount Device) capacitors are distributed across the PCB to filter electronic noise and stabilize the 1.2V power delivery to the DRAM ICs during high-speed switching.
---
## 📑 Applications
Due to the **ECC (Error Correcting Code)** and **Registered** architecture, this part is strictly for:
* **Enterprise Servers:** Data centers requiring 24/7 uptime.
* **Workstations:** High-end CAD, video rendering, or scientific computing.
* **Networking Gear:** Industrial-grade routers or storage arrays.
---
- ⤷What is the difference between this RDIMM and a standard Unbuffered (UDIMM) module?
- ⤷ Can this memory module be used in a standard consumer gaming motherboard?
- ⤷ What does the 'CE' suffix specifically refer to in Apacer's nomenclature?