Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M2AS1-4324-R2/N

  • AI
    The **M2AS1-4324-R2/N** is a specific part number belonging to the **M2AS Series** of electronic components, typically manufactured by companies like **Nippon Chemi-Con** or similar specialized electronic material providers. This part is a **Metal Oxide Varistor (MOV)** or a related surge protection device used for circuit safeguarding. --- ### 1. Component Overview This component is designed to protect sensitive electronics from voltage spikes and transient surges (like lightning or inductive load switching). | Feature | Specification | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Series** | M2AS | | **Mounting Type** | Surface Mount (SMD) / Molded Case | | **Function** | Over-voltage protection / Surge suppression | | **Lead Status** | RoHS Compliant | --- ### 2. Breakdown of the Part Number While specific manufacturer coding can vary slightly, here is the standard breakdown for this series: * **M2AS**: The Series identifier (Standard Automotive/Industrial grade surge absorber). * **1**: Usually denotes the size or power rating class. * **4324**: Represents the physical dimensions (e.g., 4.3mm x 2.4mm footprint). * **R2**: Indicates the tolerance or a specific revision of the electrical characteristics. * **N**: Typically stands for the packaging type (e.g., Tape and Reel) or a standard tolerance code. --- ### 3. Electrical Characteristics These parts are engineered for high-reliability environments, often meeting automotive standards. 1. **Clamping Voltage**: When a surge occurs, the device's resistance drops sharply to "clamp" the voltage to a safe level for the rest of the circuit. 2. **Energy Absorption**: It can handle a specific amount of Joules (energy) during a transient event. 3. **Bi-directional**: Since it is a varistor, it provides protection for both positive and negative voltage swings. 4. **Low Leakage**: In its normal state, it draws almost no current, ensuring efficiency. --- ### 4. Common Applications Due to its compact SMD form factor, it is commonly found in: * **Automotive Electronics**: ECU protection, infotainment systems, and sensor nodes. * **Power Supplies**: Secondary side protection for DC-DC converters. * **Telecommunications**: Protection for data lines against ESD (Electrostatic Discharge). * **Industrial IoT**: Safeguarding microcontrollers from noise on power rails. --- ### 5. Installation Precautions * **Polarity**: As a varistor, it is non-polarized; it can be soldered in either direction. * **Placement**: It should be placed as close as possible to the entry point of the surge (e.g., near the connector) to minimize inductance. * **Thermal Considerations**: Repeated surge events can heat the component; ensure adequate trace width for heat dissipation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for this specific model?
    • ⤷ Can this component be used in AC line protection or only DC?
    • ⤷ What are the recommended soldering profiles for the 4324 package size?